Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QF Datasheet(PDF) 22 Page - ASIX Electronics Corporation

Part # AX99100QF
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QF Datasheet(HTML) 22 Page - ASIX Electronics Corporation

Back Button AX99100QF Datasheet HTML 18Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 19Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 20Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 21Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 22Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 23Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 24Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 25Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 26Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
22
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
SPI Master Controller (SPI)
2.6
The AX99100 contain the High Speed Serial Peripheral Interface (SPI) Master Controller provides a full-duplex,
synchronous serial communication interface (4 wires) to flexibly work with numerous SPI peripheral devices. The
High Speed SPI Controller consists of a High Speed SPI master controller with 3 slave select pins, SS[2:0], to connect
up to 7 SPI devices.
This High Speed SPI master controller supports 4 types of interface timing mode, namely, Mode 0, Mode 1, Mode 2,
and Mode 3 to allow working with most SPI devices available. It supports MSB/LSB first data transfer. The SCLK
SPI clock is programmable by software and can run up to 42MHz. The AX99100 also provides many programmable
registers can be used to adjust the bus timing to fit the variety Slave timing requirements. Please reference the section
4.5.4.
The AX99100 SPI master supports four kinds of access types below.
Non-Burst-Type Transfer: Supports up to 8 bytes registers can be read and written by Software with none DMA
access.
Burst-Type Transfer: Supports TX/RX DMA transfer. Upon configured by software and one DMA length up to
64K bytes, SPI RX DMA supports moving data from SPI bus through SPI RX FIFO into PCIe BUS; SPI TX DMA
supports moving data from PCIe BUS through SPI TX FIFO to SPI bus.
Burst-Type with OP-code Transfer: supports up to 8 bytes pre-programmable OP code automatic insertion in each
Burst-Type Transfer with successive chip select assertion, to reduce CPU/software loading.
Fragmentation: supports to fragment large data block into several smaller transfers on SPI bus with programmable
length for each small transfer fragment, to reduce CPU/software loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com