Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QF Datasheet(PDF) 54 Page - ASIX Electronics Corporation

Part # AX99100QF
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QF Datasheet(HTML) 54 Page - ASIX Electronics Corporation

Back Button AX99100QF Datasheet HTML 50Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 51Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 52Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 53Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 54Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 55Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 56Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 57Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 58Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
54
AX99100
PCIe to Multi I/O Controller
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
Power Consumption
4.3
Interface
Configuration
Loading
Condition
VCCIO
VCCK
VCC12A_TX
VCC12A_D
VCC12A_AUX
Unit
4S
L0
Idle
2.5
36.7
12
19.2
17.1
mA
Full load
4 Serial Ports with 25Mhz Baud Rate
5.5
53.3
12
19.2
17.1
mA
L1
0
30.8
2.8
16.2
12.5
mA
L2
1.2
0.1
3.6
0.7
8.3
mA
ASPM L0s
Idle
3.1
35.6
13.2
17.7
14.8
mA
Full load
4 Serial Ports with 25Mhz Baud Rate
4.6
51.8
13.2
17.7
16.4
mA
LB
L0
Idle
5.9
35.9
12.6
18.8
14.6
mA
Full load
Synchronous 16-bit Multiplexed Bus
with 62.5MHz Local Bus clock
24.7
38.1
12.6
18.8
14.6
mA
L1
5.5
34.4
10.7
17.0
12.2
mA
L2
1.0
0.0
3.79
0.5
8.6
mA
ASPM L0s
Idle
4.9
30.0
13.4
16.9
15.7
mA
Full load
24.0
36.7
13.4
16.9
15.7
mA
Note: The measurement is for the operation at Typical Condition and used ASIX 4S and Local Bus test board.
Symbol
Description
Condition
Min
Typ
Max Unit
ΘJC
Thermal resistance of junction to case
-
11.9
-
°C/W
ΘJA
Thermal resistance of junction to ambient
Still air
-
28.3
-
°C/W
JT
Junction to Top of the Package Characterization Parameter
-
0.30
-
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com