Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QF Datasheet(PDF) 69 Page - ASIX Electronics Corporation

Part # AX99100QF
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QF Datasheet(HTML) 69 Page - ASIX Electronics Corporation

Back Button AX99100QF Datasheet HTML 62Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 63Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 64Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 65Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 66Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 67Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 68Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 69Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 70Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 69 / 70 page
background image
69
AX99100
PCIe to Multi I/O Controller
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
6 Ordering Information
Part Number
Description
AX99100 QF
68-pin QFN lead Free package, commercial temperature range: 0 to 70°C.
AX99100 QI
68-pin QFN lead Free package, Industrial temperature range: -40 to 85°C.
7 Revision History
Revision
Date
Comments
V0.20
2016/04/18 Preliminary release.
V0.21
2016/04/22 1. Added some descriptions for offset 0x55 bit2~6 in Section 3.3.1.
2. Changed offset 0x20 and 0x2A, Active 0/1 to Low/High in Section 3.3.2.
3. Added offset 0x5A~0x56 as Reserved fields in Section 3.3.2.
4. Added some descriptions for Local Address Space 0/1 Timing Setting, Local
Address Space 0/1 Address Setting in Section 3.3.2.
V0.22
2016/04/29 1. Changed offset 0x14 from 0xFF to 0xFD, offset 0x58 from 1 to 00 and offset
0x5B from 0x9F to 0xA2 in Table 3-7.
2. Added offset 0x53 ~ 0x54 and 0x56 in Table 3-4, Table 3-5 and section 3.3.1.
3. Added more descriptions in section 3.3 and 3.3.4.
V0.23
2016/05/06 1. Changed the offset 0x56 naming from “PCIe Function Enable” to “Global
Setting” in Table 3-4 and Table 3-5.
V0.24
2016/06/06 1. Changed the offset 0x58 from 0x01 to 0x00 for LB mode in Table 3-6.
2. Changed bit11:10 to “Reserved” for offset 0x21~0x20 and 0x2B~0x2A in
section 3.3.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com