Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QF Datasheet(PDF) 10 Page - ASIX Electronics Corporation

Part # AX99100QF
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QF Datasheet(HTML) 10 Page - ASIX Electronics Corporation

Back Button AX99100QF Datasheet HTML 6Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 7Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 8Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 9Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 10Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 11Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 12Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 13Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 14Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
10
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
Table 1-2: PCIe Pin Description
PCIe interface
Pin Name
Type
Pin No
Pin Description
CLKN
AI
20
PCIe PHY differential PLL reference clock.
CLKP
AI
19
PCIe PHY differential PLL reference clock.
REXT
AO
17
Bandgap External Resistor
Connect this pin to ground through an external resistor of 20KΩ, ±1%. The total
parasitic capacitor of this pin to ground must be less than 10 pF
DIN
AI
16
PCIe PHY differential negative serial data input.
DIP
AI
15
PCIe PHY differential positive serial data input.
DOP
AO
11
PCIe PHY differential positive serial data output.
DON
AO
12
PCIe PHY differential negative serial data output.
WAKEn
O5/T/4m
21
An open-drain, active low signal that is driven low by a PCI Express function to
reactivate the PCI Express Link hierarchy’s main power rails and reference
clocks.
CLKREQn
O5/T/4m
23
Reference clock request signal
This pin is an open drain, active low signal that is driven low by the PCI Express
Mini Card function to request that the PCI Express reference clock be available
(active clock state) in order to allow the PCI Express interface to send/receive
data.
RSTn
I5/PU/S/
4m
24
Active low asynchronous reset from PCIe.
Indicates when the applied main power is within the specified tolerance and
stable.
Table 1-3: Power/Ground Pin Description
Power/Ground Pins
Pin Name
Type
Pin No
Pin Description
VCCIO
P
6, 26, 39,
55
Digital Power for I/O pins, 3.3V
Please add a 0.1uF bypass capacitor between each VCCIO and GND.
VCCK
P
10, 22,
37, 57
Digital Power for core, 1.2V
Please add a 0.1uF bypass capacitor between each VCCK and GND.
GND
P
EPAD
Ground for all Analog and Digital Power.
VCC33A_REG
P
36
Analog Power for Regulator, 3.3V
VO12
P
35
1.2V Power Output of on-chip 3.3V to 1.2V Regulator.
The regulator requires an external capacitor (at least 3.3 μF) with low ESR for
frequency compensation and stability maintenance.
VCC12A_TX
P
13
Analog Power for PCIe Transmitter, 1.2V.
Please add a 0.1 and 10 uF bypass capacitor between VCC12A_TX and GND.
VCC12A_D
P
14
Analog Power for PCIe Transceiver, 1.2V.
Please add a 0.1 and 10 uF bypass capacitor between VCC12A_D and GND.
VCC12A_AUX
P
18
Analog Power for PCIe Auxiliary, 1.2V.
Please add a 0.1 and 10 uF bypass capacitor between VCC12A_AUX and
GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com