Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QF Datasheet(PDF) 17 Page - ASIX Electronics Corporation

Part # AX99100QF
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QF Datasheet(HTML) 17 Page - ASIX Electronics Corporation

Back Button AX99100QF Datasheet HTML 13Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 14Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 15Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 16Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 17Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 18Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 19Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 20Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 21Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
17
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
1.4.7
SPI Interface
Table 1-10: SPI Pin Description
SPI Interface
Pin Name
Type
Pin No
Pin Description
SS[2:0]
O5/4m
41, 40, 34
SPI Slave Select for SPI master.
SS[2:0] is a tri-stateable output, which requires an external pull-up resistor.
SCLK
O5/4m
31
SPI CLocK for SPI master.
SCLK is a tri-stateable output. At Mode 0 or 2, SCLK requires external pull-down
resistor; while at Mode 1 or 3, SCLK requires external pull-up resistor.
MOSI
O5/4m
32
SPI Master Output Slave Input line for SPI master.
When High Speed SPI controller is operating in master module, MOSI is used to
transmit serial data and is a tri-stateable output.
MISO
I5
33
SPI Master Input Slave Output line for SPI master.
When High Speed SPI controller is operating in master module, MISO is used to
receive serial data.
SWAKEn
I5/PU
38
SPI External Wakeup
SWAKEn is external wakeup for SPI interface.
GPIO16
B5/8m
42
General Purpose I/O signal
Note: Above signals are only valid when CHIP_MODE = 100 and 110.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com