Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QF Datasheet(PDF) 26 Page - ASIX Electronics Corporation

Part # AX99100QF
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QF Datasheet(HTML) 26 Page - ASIX Electronics Corporation

Back Button AX99100QF Datasheet HTML 22Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 23Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 24Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 25Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 26Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 27Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 28Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 29Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 30Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
26
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
Table 3-2: Chip Mode Selection Table
CHIP_
Mode[2:0]
4MP
2S1SPI
2S2MP
2MP1SPI
4S
2MP1P
2S1P
LB
111
110
101
100
011
010
001
000
Port 1
Multi-
Protocol
Serial
Port
Serial
Port
Multi-
Protocol
Serial
Port
Multi-
Protocol
Serial
Port
Local
Bus
Port 2
Multi-
Protocol
Serial
Port
Serial
Port
Multi-
Protocol
Serial
Port
Multi-
Protocol
Serial
Port
Port 3
Multi-
Protocol
GPIO
Multi-
Protocol
GPIO
Serial
Port
Parallel
Port
Parallel
Port
Port 4
Multi-
Protocol
SPI
Multi-
Protocol
SPI
Serial
Port
Note: The AX99100 Multi-protocol Mode is designed to support the Multi-protocol transceiver. Please contact ASIX
product support for the detail.
DTR Boot Strapping Pins for Serial Port
3.2
Each Serial Port or Serial Port with multi-protocol transceivers mode can support for RS-232 or RS-485 function, the
DTR/DXEN pin will has different behavior for the both mode. In Hardware design, each DTR/DXEN pin has internal
pull-down during reset. User may use the external pull-up resister to decide which mode is selected for operation.
Pins
Signal Name
Description
8
DTR_MODE[0]
DTR Mode Select bit 0 for Serial Port 1
1: Added external pull-up resistor to this pin. It works for RS-232
mode with active low.
0: Otherwise, means to use internal pull-down to this pin. It works
for RS-485 mode with active high.
67
DTR_MODE[1]
DTR Mode Select bit 1 for Serial Port 2
1: Added external pull-up resistor to this pin. It works for RS-232
mode with active low.
0: Otherwise, means to use internal pull-down to this pin. It works
for RS-485 mode with active high.
49
DTR_MODE[2]
DTR Mode Select bit 2 for Serial Port 3
1: Added external pull-up resistor to this pin. It works for RS-232
mode with active low.
0: Otherwise, means to use internal pull-down to this pin. It works
for RS-485 mode with active high.
41
DTR_MODE[3]
DTR Mode Select bit 3 for Serial Port 4
1: Added external pull-up resistor to this pin. It works for RS-232
mode with active low.
0: Otherwise, means to use internal pull-down to this pin. It works
for RS-485 mode with active high.
Table 3-3: DTR Mode selection Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com