Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QF Datasheet(PDF) 46 Page - ASIX Electronics Corporation

Part # AX99100QF
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QF Datasheet(HTML) 46 Page - ASIX Electronics Corporation

Back Button AX99100QF Datasheet HTML 42Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 43Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 44Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 45Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 46Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 47Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 48Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 49Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 50Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
46
AX99100
PCIe to Multi I/O Controller
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
3.3.4
Disable Unused PCIe Function in HWCFGEE
The AX99100 supports to disable the unused PCIe function via HWCFGEE. For example, if user would like to use
one Serial Port and hope AX99100 just occupy only one PCIe function (1S) in system. User can set CHIP_MODE =
011b to select 4S mode and use the proper setting in HWCFGEE to disable PCIe function 1~3. Following
descriptions will introduce how to fill the HWCFGEE content to disable PCIe function.
※ Set the field of “Vendor ID” and “Device ID” to 0xFFFF in the corresponding PCIe function which would like to
be disabled.
※ Set others fields to 0x00 in the corresponding PCIe function which would like to be disabled.
※ Set ‘1’ to disable the corresponding function in offset 0x55, bit 2~6.
※ Set ‘0x0’ to bit15:4 for those unused Functions in offset 0x54~0x33.
※ Set ‘0’ to bit3:0 to disable those unused Functions in offset 0x56.
Notice:
◎ The PCIe function 0 can’t be disabled.
◎ If PCIe function 1 or 3 disabled, the Serial Port GPIO of function 0 or 2 will be redirected to the IO of Serial Port
2 and 4 in Serial Port related CHIP_MODE setting. Please reference section 1.4.5.
◎ If PCIe function 3 disabled, the IO of Port 4 will be redirected to GPIO in SPI related CHIP_MODE setting.
Following table show an example for configuring AX99100 to 1S mode in CHIP_MODE = 011 (4S). The PCIe
function 1~3 will be disabled via HWCFGEE.
Table 3-7: The HWCHGEE content for 1S setting
EEPROM offset
CHIP_MODE = 011 (4S)
PCIe Function No.
0x00
00
0x01
00
0x02
5B
Function 0
0x03
12
0x04
00
0x05
91
0x06
00
0x07
02
0x08
00
0x09
07
0x0A
00
0x0B
A0
0x0C
00
0x0D
10
0x0E
FF
0x0F
07
0x10
01
0x11
00
0x12
02
0x13
83
0x14
FD
0x15
31
0x16
01
0x17
FF
Function 1
0x18
FF
0x19
FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com