Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QF Datasheet(PDF) 55 Page - ASIX Electronics Corporation

Part # AX99100QF
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QF Datasheet(HTML) 55 Page - ASIX Electronics Corporation

Back Button AX99100QF Datasheet HTML 51Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 52Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 53Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 54Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 55Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 56Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 57Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 58Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 59Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
55
AX99100
PCIe to Multi I/O Controller
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
Power–up/down and Power Management Sequence
4.4
The AX99100 related power up/down and power management sequences are designed to meet the PCI Express
Card Electromechanical Specification Revision 2.0. Please reference the section 2.2.1 for power up sequence,
section 2.2.2 for power management sequence and section 2.2.3 for power down sequence for the detail in this
standard.
Note: There is NO power plane separation between 3.3V AUX and VCCIO in AX99100. In D3 Cold, the chip
VCCIO and VCC33A_REG should be powered from 3.3V AUX to support remote wake up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com