Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QF Datasheet(PDF) 28 Page - ASIX Electronics Corporation

Part # AX99100QF
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QF Datasheet(HTML) 28 Page - ASIX Electronics Corporation

Back Button AX99100QF Datasheet HTML 24Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 25Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 26Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 27Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 28Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 29Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 30Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 31Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 32Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
28
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
3.3.1
Configuration EEPROM Memory Map for None Local Bus Interface
Table 3-4: Configuration EEPROM Memory Map for none Local Bus mode
EEPROM
Offset
Parameter
Note
0x00
Divide Clock Selection
SPI interface
used
0x01
Clock Divider
0x03~0x02
Vendor ID_F0
Function0
0x05~0x04
Device ID_F0
0x06
Revision ID
0x07
Programming IF_F0
0x08
Sub-Class Code_F0
0x09
Base Class Code_F0
0x0B~0x0A
Subsystem Vendor ID_F0
0x0D~0x0C
Subsystem Device ID_F0
0x0F~0x0E
Power Management Capabilities_F0
0x16~0x10
Reserved
0x18~0x17
Vendor ID_F1
Function1
0x1A~0x19
Device ID_F1
0x1B
Programming IF_F1
0x1C
Sub-Class Code_F1
0x1D
Base Class Code_F1
0x1F~0x1E
Subsystem Vendor ID_F1
0x21~0x20
Subsystem Device ID_F1
0x23~0x22
Power Management Capabilities _F1
0x2A~0x24
Reserved
0x2C~0x2B
Vendor ID_F2
Function2
0x2E~0x2D
Device ID_F2
0x2F
Programming IF_F2
0x30
Sub-Class Code_F2
0x31
Base Class Code_F2
0x33~0x32
Subsystem Vendor ID_F2
0x35~0x34
Subsystem Device ID_F2
0x37~0x36
Power Management Capabilities_F2
0x3E~0x38
Reserved
0x40~0x3F
Vendor ID_F3
Function3
0x42~0x41
Device ID_F3
0x43
Programmable IF_F3
0x44
Sub-Class Code_F3
0x45
Base Class Code_F3
0x47~0x46
Subsystem Vendor ID_F3
0x49~0x48
Subsystem Device ID_F3
0x4B~0x4A
Power Management Capabilities_F3
0x52~0x4C
Reserved
0x54~0x53
INT Mask
For each function
0x55
Port Disable Register
0x56
Global Setting
0x5A~0x57
Reserved
0x5B
Check-Sum
0x7F ~ 0x5C
Reserved
Note: Function 2 should be disabled in SPI mode and Function 3 should be disabled in PP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com