Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QF Datasheet(PDF) 11 Page - ASIX Electronics Corporation

Part # AX99100QF
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QF Datasheet(HTML) 11 Page - ASIX Electronics Corporation

Back Button AX99100QF Datasheet HTML 7Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 8Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 9Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 10Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 11Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 12Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 13Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 14Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 15Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
11
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
1.4.1
GPIO and Mode Setting
Table 1-4: GPIO and Mode Setting Pin Description
GPIO and Mode Setting Pins
Pin Name
Type
Pin No
Pin Description
GPIO[23:8]
B5/CU/4m
31, 32,
33, 34,
38, 40,
41, 42,
43, 44,
45, 46,
47, 48,
49, 50
General Purpose I/O signal
GPIO[15:8] are only valid when CHIP_MODE = 100 and 110.
GPIO[23:16] are only valid when CHIP_MODE = 100 and 110 and Port 4 was
disabled by HWCFGEE. Please reference to Section 3.
GPIO7
B5/CU/8m
60
General Purpose Output signal
GPIO7 has an optional function is external wakeup pin in input direction. When
AX99100 entered to L2 mode, this pin can be used to wakeup AX99100 also.
GPIO6
B5/CU/8m
59
General Purpose Output signal
GPIO6 has an optional function is a power-down control signal to power down
the external transceiver when AX99100 entered to L2 mode. This function can be
enabled by setting bit1 and the polarity selection is bit0 in configuration
EEPROM, offset 0x55.
GPIO5/
CHIP_MODE[2]
O5/ 8m
58
General Purpose Output signal when chip exited reset and operating in normal
functional mode.
These pins are input direction during chip reset use to bootstrap the mode setting
to decide the chip operation mode. Please reference to Section 3.1.
GPIO4/
CHIP_MODE[1]
O5/8m
56
GPIO3/
CHIP_MODE[0]
O5/8m
54
GPIO2
O5/8m
53
General Purpose Output signal when chip exited reset and operating in normal
functional mode.
This pin should be connected to the AUX 3.3V in PCIe slot via an external
pull-up resistor. It is used to detect the 3.3V AUX is existed or not.
GPIO1
B5/CU/8m
52
General Purpose I/O signal
GPIO0
B5/CU/8m
51
General Purpose I/O signal
Note: Above GPIO[7:0] are only valid when CHIP_MODE ≠ 000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com