Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QF Datasheet(PDF) 52 Page - ASIX Electronics Corporation

Part # AX99100QF
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QF Datasheet(HTML) 52 Page - ASIX Electronics Corporation

Back Button AX99100QF Datasheet HTML 48Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 49Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 50Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 51Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 52Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 53Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 54Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 55Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 56Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
52
AX99100
PCIe to Multi I/O Controller
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
4.1.4
DC Characteristics of 3.3V with 5V Tolerant I/O Pins
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCCIO Power supply of 3.3V I/O.
3.3V I/O
2.97
3.3
3.63
V
Vil
Input low voltage.
LVTTL
-
-
0.8
V
Vih
Input high voltage.
2.0
-
-
V
Vt-
Schmitt trigger negative going threshold
voltage.
LVTTL
0.8
1.1
-
V
Vt+
Schmitt trigger positive going threshold
voltage
-
1.6
2.0
V
Vol
Output low voltage.
Iol = 2 ~ 4mA
-
-
0.4
V
Voh
Output high voltage.
Ioh = -2 ~ -4mA
2.4
-
-
V
Vopu
(1)
Output pull-up voltage for 5V tolerant IO
With internal
pull-up resistor
VCCIO
– 0.9
-
-
V
Rpu
Input pull-up resistance.
40
75
190
KΩ
Rpd
Input pull-down resistance.
40
75
190
KΩ
Iin
Input leakage current.
Vin = 5 or 0V
-
±1
-
μA
Input leakage current with pull-up resistance. Vin = 0 V
-
-45
-
μA
Input
leakage
current
with
pull-down
resistance.
Vin = VCCIO
-
45
-
μA
Note: This parameter indicates that the pull-up resistor for the 5V tolerant I/O pins cannot reach VCCIO DC level
even without DC loading current.
4.1.5
DC Characteristics of Voltage Regulator
Symbol
Description
Condition
Min
Typ
Max
Unit
VCC33A_REG
Power supply of on-chip
voltage regulator.
2.0
3.3
3.6
V
VO12
Output voltage of on-chip
voltage regulator.
VCC33A_REG = 3.3V
1.14
1.2
1.26
V
Tj
Operating junction
temperature.
-40
25
125
℃
Iload
Driving current.
VCC33A_REG = 3.3V
-
-
150
mA
△VO12
(△VCC33A_REG x
VO12)
Line regulation.
Iload = 10mA
-
0.5
1.0
%/V
△VO12
(△Iload x VO12)
Load regulation.
VCC33A_REG = 3.3V,
1mA ≦ Iload ≦ 150mA
-
0.05
0.1
%/mA
△VO12
△Tj
Temperature coefficient.
VCC33A_REG = 3.3V,
-40℃ ≦ Tj ≦ 125℃
-
0.1
0.3
mV/℃
IQ
Quiescent current
consumption
VCC33A_REG = 3.3V,
Iload = 0 mA
-
110
310
μA
Cout
Output external capacitor.
3.3
-
-
μF
ESR
Allowable
effective
series
resistance
of
external
capacitor.
0.5
-
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com