Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QF Datasheet(PDF) 20 Page - ASIX Electronics Corporation

Part # AX99100QF
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QF Datasheet(HTML) 20 Page - ASIX Electronics Corporation

Back Button AX99100QF Datasheet HTML 16Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 17Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 18Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 19Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 20Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 21Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 22Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 23Page - ASIX Electronics Corporation AX99100QF Datasheet HTML 24Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
20
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
The Data Link Layer
The Data Link Layer acts as an intermediate stage between the Transaction Layer and the Physical Layer. The Data
Link Layer is responsible for reliably conveying Transaction Layer Packets (TLPs) supplied by the Transaction
Layer across a PCI Express Link to the other component’s Transaction Layer
The Data Link Layer is responsible for the following
Link management including TLP acknowledgment
Retry mechanism in case of a non-acknowledged packet
Flow control across the Link (transmission and reception)
Power management
CRC generation and CRC checking
Error reporting
Transaction Layer/User Interface Layer
Transaction layer and User interface layer together perform all transaction layer functionalities. User interface layer
defines a plug-and-play type interface mechanism to accept TLPs from user space for transmission, and to pass
received TLPs on reception.
The Transaction Layer is primarily responsible for the following
Assembly and disassembly of Transaction Layer packets (TLPs)
Storage of configuration information
Converts received Completion packets into data payloads,
Updates status information
Responsible for flow control services
Ordering rules
Power management services
PCIe Bridge
Master Slave Bridge is divided into PCIe packet formatter, PCIe target interface block, Mater arbiter, Slave
de-mux and VCI interface block.
All detail description for PCIe operation, please reference to the standard of “PCI Express Base Specification”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com