Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 144 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 144 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 140Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 141Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 142Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 143Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 144Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 145Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 146Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 147Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 148Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 151 page
background image
GD32H757xx Datasheet
143
5.3.
LQFP100 package outline dimensions
Figure 5-5. LQFP100 package outline
Table 5-3. LQFP100 package dimensions
Symbol
Min
Typ
Max
A
—
—
1.60
A1
0.05
—
0.15
A2
1.35
1.40
1.45
A3
0.59
0.64
0.69
b
0.18
—
0.26
b1
0.17
0.20
0.23
c
0.13
—
0.17
c1
0.12
0.13
0.14
D
15.80
16.00
16.20
D1
13.90
14.00
14.10
E
15.80
16.00
16.20
E1
13.90
14.00
14.10
e
—
0.50
—
eB
15.05
—
15.35
L
0.45
—
0.75
L1
—
1.00
—
θ
0°
—
7°
(Original dimensions are in millimeters)
A
A2
A1
A3
F
B
E1
E
D
D1
e
b
1
25
50
51
75
76
100
26
B
c
θ
0.25
L
L1
DETAIL: F
eB
BASE METAL
WITH PLATING
SECTION B-B
b
b1
c1 c
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com