Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 148 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 148 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 143Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 144Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 145Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 146Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 147Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 148Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 149Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 150Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 151Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 148 / 151 page
background image
GD32H757xx Datasheet
147
6.
Ordering information
Table 6-1. Part ordering code for GD32H757xx devices
Ordering code
Flash (KB)
Package
Package type
Temperature
operating range
GD32H757VGT6
1024
LQFP100
Green
Industrial
-40°C to +85°C
GD32H757VIT6
2048
LQFP100
Green
Industrial
-40°C to +85°C
GD32H757VMT6
3840
LQFP100
Green
Industrial
-40°C to +85°C
GD32H757VMT7
3840
LQFP100
Green
Industrial
-40°C to +105°C
GD32H757VGJ6
1024
BGA100
Green
Industrial
-40°C to +85°C
GD32H757VIJ6
2048
BGA100
Green
Industrial
-40°C to +85°C
GD32H757VMJ6
3840
BGA100
Green
Industrial
-40°C to +85°C
GD32H757ZGT6
1024
LQFP144
Green
Industrial
-40°C to +85°C
GD32H757ZIT6
2048
LQFP144
Green
Industrial
-40°C to +85°C
GD32H757ZMT6
3840
LQFP144
Green
Industrial
-40°C to +85°C
GD32H757ZMT7
3840
LQFP144
Green
Industrial
-40°C to +105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com