Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 146 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 146 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 142Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 143Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 144Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 145Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 146Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 147Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 148Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 149Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 150Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 151 page
background image
GD32H757xx Datasheet
145
5.4.
Thermal characteristics
Thermal resistance is used to characterize the thermal performance of the package
device, which is represented by the Greek letter “θ”. For semiconductor devices, thermal
resistance represents the steady-state temperature rise of the chip junction due to the
heat dissipated on the chip surface.
θJA: Thermal resistance, junction-to-ambient.
θJB: Thermal resistance, junction-to-board.
θJC: Thermal resistance, junction-to-case.
ᴪJB: Thermal characterization parameter, junction-to-board.
ᴪJT: Thermal characterization parameter, junction-to-top center.
θJA=(TJ-TA)/PD
(5-1)
θJB=(TJ-TB)/PD
(5-2)
θJC=(TJ-TC)/PD
(5-3)
Where, TJ = Junction temperature.
TA = Ambient temperature
TB = Board temperature
TC = Case temperature which is monitoring on package surface
PD = Total power dissipation
θJA represents the resistance of the heat flows from the heating junction to ambient air. It
is an indicator of package heat dissipation capability. Lower θJA can be considerate as
better overall thermal performance. θJA is generally used to estimate junction temperature.
θJB is used to measure the heat flow resistance between the chip surface and the PCB
board.
θJC represents the thermal resistance between the chip surface and the package top case.
θJC is mainly used to estimate the heat dissipation of the system (using heat sink or other
heat dissipation methods outside the device package).
Table 5-4. Package thermal characteristics(1)
Symbol
Condition
Package
Value
Unit
θJA
Natural convection, 2S2P PCB
LQFP144
47.23
°C/W
LQFP100
47.842
BGA100
49.20
θJB
Cold plate, 2S2P PCB
LQFP144
34.38
°C/W
LQFP100
33.877
BGA100
30.69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com