Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 149 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 149 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 143Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 144Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 145Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 146Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 147Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 148Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 149Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 150Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 151Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 149 / 151 page
background image
GD32H757xx Datasheet
148
7.
Revision history
Table 7-1. Revision history
Revision No.
Description
Date
1.0
Initial Release
May.9, 2023
1.1
1. Update the Table 2-1. GD32H757xx devices features and
peripheral list.
2. Add the (3)/(4) comment for special pins in Table 2-3.
GD32H757Zx
LQFP144
pin
definitions,
Table
2-4.
GD32H757Vx LQFP100 pin definitions and Table 2-5.
GD32H757Vx BGA100 pin definitions.
3. Delete the description of SMPS in Table 4-42. Low power
digital temperature sensor characteristics.
4. Update the Table 4-15. High speed external clock (HXTAL)
generated from a crystal/ceramic characteristics (4).
5. Add the 5VT pin tolerance voltage information in Table 4-2.
Absolute maximum ratings(1)(4).
6. Update the Table 4-42. Voltage reference buffer
characteristics(1).
7. Add the parameters of EMC.
Jul.19, 2023
1.2
1.
Update
Table
4-46.
Temperature
monitoring
characteristics(1).
2. Update Table 4-37. High-precision temperature sensor
characteristics.
3. Add Figure 4-2. Recommended PDR_ON pin circuit(1).
4. Update Table 4-8. Power consumption characteristics
(1)(2)(3)(4).
6. Update Table 4-31. 14-bit ADC characteristics.
Dec.27, 2023
1.3
1. Add Table 4-36. ADC dynamic accuracy at fADC = 60 MHz
VREFP = 1.8 V.
2. Add Table 4-37. ADC dynamic accuracy at fADC = 80 MHz
VREFP = 2.4 V.
3. Add Table 4-38. ADC dynamic accuracy at fADC = 80 MHz
VREFP = 3.3 V.
4. Add Table 4-39. ADC static accuracy at fADC = 60 MHz
VREFP = 1.8 V.
5. Add Table 4-40. ADC static accuracy at fADC = 80 MHz
VREFP = 2.4 V.
6. Add Table 4-41. ADC static accuracy at fADC = 80 MHz
VREFP = 3.3 V.
Mar.8, 2024
1.4
1. Add GD32H757ZMT7 chip model.
2. Add electrical characteristics for GD32H757ZMT7.
Apr.18, 2024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com