Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 129 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 129 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 125Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 126Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 127Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 128Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 129Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 130Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 131Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 132Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 133Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 151 page
background image
GD32H757xx Datasheet
128
4.28.
I2S characteristics
Table 4-62. I2S characteristics(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCK
Clock frequency
Master mode (data: 32 bits,
Audio frequency = 96 kHz)
—
6.25
—
MHz
Slave mode
—
—
12.5
tH
Clock high time
—
—
80
—
ns
tL
Clock low time
—
80
—
ns
tV(WS)
WS valid time
Master mode
—
3
—
ns
tH(WS)
WS hold time
Master mode
—
3
—
ns
tSU(WS)
WS setup time
Slave mode
0
—
—
ns
tH(WS)
WS hold time
Slave mode
3
—
—
ns
Ducy(SCK)
I2S slave input clock duty
cycle
Slave mode
—
50
—
%
tSU(SD_MR)
Data input setup time
Master mode
0
—
—
ns
tsu(SD_SR)
Data input setup time
Slave mode
0
—
—
ns
tH(SD_MR)
Data input hold time
Master receiver
1
—
—
ns
tH(SD_SR)
Slave receiver
3
—
—
ns
tv(SD_ST)
Data output valid time
Slave transmitter
(after enable edge)
—
—
9
ns
th(SD_ST)
Data output hold time
Slave transmitter
(after enable edge)
6
—
—
ns
tv(SD_MT)
Data output valid time
Master transmitter
(after enable edge)
—
—
6
ns
th(SD_MT)
Data output hold time
Master transmitter
(after enable edge)
0
—
—
ns
(1)
Value guaranteed by design, not 100% tested in production.
(2)
Value guaranteed by characterization, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com