Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 133 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 133 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 129Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 130Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 131Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 132Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 133Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 134Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 135Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 136Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 137Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 151 page
background image
GD32H757xx Datasheet
132
Table 4-68. USBHS Charger Detection characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDAT_SRC
Data Source Voltage
—
0.5
—
0.7
V
IDP_SRC
Data Connect Current
—
7
—
13
uA
VDAT_REF
Data Detect Voltage
—
0.25
—
0.4
V
(1)
Value guaranteed by design, not 100% tested in production.
Table 4-69. USBHS clock timing parameters(1)
Symbol
Parameter
Min
Typ
Max
Unit
VDD
USBHS operating voltage
3.0
—
3.63
V
fHCLK
fHCLK value to guarantee proper operation of USBHS
interface
30
—
—
MHz
FSTART_8BIT
Frequency (first transition) 8-bit ±10%
54
60
66
MHz
FSTEADY
Frequency (steady state) ±500 ppm
59.97
60
60.63
MHz
DSTART_8BIT
Duty cycle (first transition) 8-bit ±10%
40
50
60
%
DSTEADY
Duty cycle (steady state) ±500 ppm
49.975
50
50.025
%
(1) Value guaranteed by design, not 100% tested in production.
Table 4-70. USB-ULPI Dynamic characteristics(1)
Symbol
Parameter
Min
Typ
Max
Unit
tSC
Control in (ULPI_DIR, ULPI_NXT) setup time
—
—
2
ns
tHC
Control in (ULPI_DIR, ULPI_NXT) hold time
0.5
—
—
ns
tSD
Data in setup time
—
—
2
ns
tHD
Data in hold time
0
—
—
ns
(1) Value guaranteed by design, not 100% tested in production.
Figure 4-14. USBFS timings:
definition of data signal rise and fall time
tf
tr
VSS
VCRS
Crossover
points
Differential
data lines
4.33.
EXMC characteristics
Table 4-71. Asynchronous non-multiplexed SRAM / PSRAM / NOR read timings(1)(2)
Symbol
Parameter
Min
Max
Unit
tw(NE)
EXMC_NE low time
5*Tfclk-1
5*Tfclk+1
ns
tV(NOE_NE)
EXMC_NEx low to EXMC_NOE low
0
—
ns
tw(NOE)
EXMC_NOE low time
5*Tfclk-1
5*Tfclk+1
ns
th(NE_NOE)
EXMC_NOE high to EXMC_NE high hold time
0
—
ns
tv(A_NE)
EXMC_NEx low to EXMC_A valid
0
—
ns
tv(BL_NE)
EXMC_NEx low to EXMC_BL valid
0
—
ns
tsu(DATA_NE)
Data to EXMC_NEx high setup time
4*Tfclk-1
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com