Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 136 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 136 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 132Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 133Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 134Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 135Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 136Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 137Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 138Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 139Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 140Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 151 page
background image
GD32H757xx Datasheet
135
Symbol
Parameter
Min
Max
Unit
td(CLKH-NExH)
EXMC_CLK high to EXMC_NEx high
2*Tfclk-1
—
ns
td(CLKL-NADVL)
EXMC_CLK low to EXMC_NADV low
0
—
ns
td(CLKL-NADVH)
EXMC_CLK low to EXMC_NADV high
0
—
ns
td(CLKL-AV)
EXMC_CLK low to EXMC_Ax valid
0
—
ns
td(CLKH-AIV)
EXMC_CLK high to EXMC_Ax invalid
2*Tfclk-1
—
ns
td(CLKL-NWEL)
EXMC_CLK low to EXMC_NWE low
0
—
ns
td(CLKH-NWEH)
EXMC_CLK high to EXMC_NWE high
2*Tfclk-1
—
ns
td(CLKL-ADIV)
EXMC_CLK low to EXMC_AD invalid
0
—
ns
td(CLKL-DATA)
EXMC_A/D valid data after EXMC_CLK low
0
—
ns
th(CLKL-NBLH)
EXMC_CLK low to EXMC_NBL high
0
—
ns
(1)
CL = 30 pF.
(2)
Value guaranteed by design, not 100% tested in production.
Table 4-77. Synchronous non-multiplexed PSRAM / NOR read timings(1)(2)
Symbol
Parameter
Min
Max
Unit
tw(CLK)
EXMC_CLK period
Texmc_clk
—
ns
td(CLKL-NExL)
EXMC_CLK low to EXMC_NEx low
0
—
ns
td(CLKH-NExH)
EXMC_CLK high to EXMC_NEx high
2*Tfclk-1
—
ns
td(CLKL-NADVL)
EXMC_CLK low to EXMC_NADV low
0
—
ns
td(CLKL-NADVH)
EXMC_CLK low to EXMC_NADV high
0
—
ns
td(CLKL-AV)
EXMC_CLK low to EXMC_Ax valid
0
—
ns
td(CLKH-AIV)
EXMC_CLK high to EXMC_Ax invalid
2*Tfclk-1
—
ns
td(CLKL-NOEL)
EXMC_CLK low to EXMC_NOE low
0
—
ns
td(CLKH-NOEH)
EXMC_CLK high to EXMC_NOE high
2*Tfclk-1
—
ns
(1)
CL = 30 pF.
(2)
Value guaranteed by design, not 100% tested in production.
Table 4-78. Synchronous non-multiplexed PSRAM write timings(1)(2)
Symbol
Parameter
Min
Max
Unit
tw(CLK)
EXMC_CLK period
Texmc_clk
—
ns
td(CLKL-NExL)
EXMC_CLK low to EXMC_NEx low
0
—
ns
td(CLKH-NExH)
EXMC_CLK high to EXMC_NEx high
2*Tfclk-1
—
ns
td(CLKL-NADVL)
EXMC_CLK low to EXMC_NADV low
0
—
ns
td(CLKL-NADVH)
EXMC_CLK low to EXMC_NADV high
0
—
ns
td(CLKL-AV)
EXMC_CLK low to EXMC_Ax valid
0
—
ns
td(CLKH-AIV)
EXMC_CLK high to EXMC_Ax invalid
2*Tfclk-1
—
ns
td(CLKL-NWEL)
EXMC_CLK low to EXMC_NWE low
0
—
ns
td(CLKH-NWEH)
EXMC_CLK high to EXMC_NWE high
2*Tfclk-1
—
ns
td(CLKL-DATA)
EXMC_A/D valid data after EXMC_CLK low
0
—
ns
th(CLKL-NBLH)
EXMC_CLK low to EXMC_NBL high
0
—
ns
(1)
CL = 30 pF.
(2)
Value guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com