Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 138 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 138 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 134Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 135Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 136Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 137Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 138Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 139Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 140Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 141Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 142Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 151 page
background image
GD32H757xx Datasheet
137
Symbol
Parameter
Conditions
Min
Max
Unit
TIMER23
TIMER50 &
TIMER51
—
64
bit
tCOUNTER
16-bit counter clock
period
when internal clock is
selected
—
1
65536
tTIMERxCLK
fTIMERxCLK =
300 MHz
0.0033
218.45
μs
32-bit counter clock
period
when internal clock is
selected
—
1
4294967296
tTIMERxCLK
fTIMERxCLK =
300 MHz
0.0033
14316557.65
μs
64-bit counter clock
period
when internal clock is
selected
—
1
18446744073709551616
tTIMERxCLK
fTIMERxCLK =
300 MHz
0.0033
61489146912365172.05
μs
tMAX_COUNT
Maximum possible
count
(
16-bit)
—
—
65536x65536
tTIMERxCLK
fTIMERxCLK =
300 MHz
—
14.3
s
Maximum possible
count
(32-bit)
—
—
4294967296x65536
tTIMERxCLK
fTIMERxCLK =
300 MHz
—
938249.9
s
Maximum possible
count
(64-bit)
—
—
18446744073709551616x65536 tTIMERxCLK
fTIMERxCLK =
300 MHz
—
1119375758902.4
h
(1)
Value guaranteed by design, not 100% tested in production.
4.35.
DCI characteristics
Table 4-81. DCI characteristics(1)
Symbol
Parameter
Min
Max
Unit
Frequency ratio
DCI_PIXCLK /fHCLK
—
0.4
DCI_PIXCLK
Pixel clock input
—
160
MHz
DPixel
Pixel clock input duty cycle
30
70
%
tsu(DATA)
Data input setup time
2
—
ns
th(DATA)
Data output valid time
1
—
ns
tsu(HSYNC)
DCI_HS input setup time
2
—
ns
tsu(VSYNC)
DCI_VS input setup time
2
—
ns
th(HSYNC)
DCI_HS input hold time
1
—
ns
th(VSYNC)
DCI_VS input hold time
1
—
ns
(1)
Value guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com