Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 137 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 137 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 133Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 134Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 135Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 136Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 137Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 138Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 139Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 140Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 141Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 151 page
background image
GD32H757xx Datasheet
136
Table 4-79. SDRAM read timings
Symbol
Parameter
Min
Max
Unit
tw(SDCLK)
EXMC_SDCLK period
2 Tfclk
− 0.5
2 Tfclk +0.5
ns
tsu(SDCLKH _Data)
Data input setup time
3.5
—
th(SDCLKH_Data)
Data input hold time
0
—
td(SDCLKL_Add)
Address valid time
—
2.5
td(SDCLKL- SDNE)
Chip select valid time
—
2.5
th(SDCLKL_SDNE)
Chip select hold time
0
—
td(SDCLKL_NRAS)
NRAS valid time
—
2
th(SDCLKL_NRAS)
NRAS hold time
0
—
td(SDCLKL_NCAS)
NCAS valid time
—
2
th(SDCLKL_NCAS)
NCAS hold time
0
—
4.34.
TIMER characteristics
Table 4-80.
TIMER characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
tres
Timer resolution time
—
1
—
tTIMERxCLK
fTIMERxCLK =
300 MHz
3.3
—
ns
fEXT
Timer external clock
frequency
—
0
fTIMERxCLK/2
MHz
fTIMERxCLK =
300 MHz
0
333
MHz
RES
Timer resolution
TIMER0 &
TIMER2 &
TIMER3 &
TIMER7&
TIMER14 &
TIMER15 &
TIMER16 &
TIMER30 &
TIMER31 &
TIMER40 &
TIMER41 &
TIMER42 &
TIMER43 &
TIMER44
—
16
bit
TIMER1 &
TIMER4 &
TIMER5 &
TIMER6 &
TIMER22 &
—
32
bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com