Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 139 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 139 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 135Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 136Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 137Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 138Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 139Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 140Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 141Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 142Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 143Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 151 page
background image
GD32H757xx Datasheet
138
4.36.
WDGT characteristics
Table 4-82. FWDGT min/max timeout period at 32 kHz (IRC32K) (1)
Prescaler divider
PR[2:0] bits
Min timeout RLD[11:0] =
0x000
Max timeout RLD[11:0]
= 0xFFF
Unit
1/4
000
0.03125
511.90625
ms
1/8
001
0.03125
1023.78125
1/16
010
0.03125
2047.53125
1/32
011
0.03125
4095.03125
1/64
100
0.03125
8190.03125
1/128
101
0.03125
16380.03125
1/256
110 or 111
0.03125
32760.03125
(1)
Value guaranteed by design, not 100% tested in production.
Table 4-83. WWDGT min-max timeout value at 50 MHz (fPCLK1) (1)
Prescaler divider
PSC[2:0]
Min timeout value
CNT[6:0] = 0x40
Unit
Max timeout value
CNT[6:0] = 0x7F
Unit
1/1
00
81.92
μs
5.24
ms
1/2
01
163.84
10.49
1/4
10
327.68
20.97
1/8
11
655.36
41.94
(1)
Value guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com