Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 130 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 130 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 126Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 127Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 128Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 129Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 130Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 131Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 132Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 133Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 134Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 151 page
background image
GD32H757xx Datasheet
129
Figure 4-12. I2S timing diagram - master mode
tCK
D[0]
D[0]
tH
tL
tSU(SD_MR)
tH(SD_MR)
tv(SD_MT)
th(SD_MT)
CPOL=0
CPOL=1
WS output
SD transmit
SD receive
tV(WS)
tH(WS)
Figure 4-13. I2S timing diagram - slave mode
tCK
D[0]
D[0]
tH
tL
tSU(SD_SR)
tH(SD_SR)
tv(SD_ST)
th(SD_ST)
CPOL=0
CPOL=1
WS input
SD transmit
SD receive
tH(WS)
tSU(WS)
4.29.
USART characteristics
Table 4-63. USART characteristics
in Synchronous mode(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
SCK clock frequency
Fplckx = 300 MHz
—
—
37.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com