Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 115 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 115 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 111Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 112Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 113Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 114Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 115Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 116Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 117Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 118Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 119Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 242 page
background image
NominalTraits
TDS 310, TDS 320 & TDS 350 Instruction Manual
413
Table413:Nominal Traits
Display System (Cont.)
Name
Description
Waveform Display Graticule
A single graticule 401  501 pixels (8  10 divisions, with divisions
that are approximately 1 cm by 1 cm)
Intensity Levels
Dim and Bright, with adjustable Overall Intensity and Contrast
Table414:Nominal Traits
I/O Interface Option
Name
Description
GPIB
Part of Option 14 I/Ointerface or TD3F14A I/Ointerface field upgrade
kit; complies with IEEE Std 488-1987
RS 232
Part of Option 14 I/Ointerface or TD3F14A I/Ointerface field upgrade
kit; a 9pin male DTE RS 232 interface that complies with EIA/TIA
574-90
Centronics
Part of Option 14 I/Ointerface or TD3F14A I/Ointerface field upgrade
kit; a 25pin, IBM PC type, parallel printer interface that complies
electrically with Centronics C332-44, Rev A
Video Signal Output
(Option 14 Only) (TDS310 and TDS 350,
B020100 and above; TDS 320, B030100
and above)
DB 9 rear panel Video connector; noninterlaced, with levels that
comply with ANSI RS343A
VGA compatible at a 30.6 kHz sync rate
Power Supply, Printer
(Option 14 Only) (TDS310 and TDS 350,
B020100 and above; TDS 320, B030100
and above)
Power supply connector to supply power to the Option 3P Printer
Pack
Table415:Nominal Traits
Power Distribution System
Name
Description
Fuse Rating
5mm × 20 mm, (UL 198 G): 3 A Slow, 250 V, (IEC 127): 3.15 A (T),
250V
Table416:Nominal Traits
Safety Characteristics
Name
Description
Safety Certification
Listed UL 1244; Category Certified CAN/CSA-C22.2 No. 231 Se
riesM89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com