Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 113 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 113 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 109Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 110Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 111Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 112Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 113Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 114Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 115Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 116Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 117Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 242 page
background image
TDS 310, TDS 320 & TDS 350 Instruction Manual
411
Nominal Traits
Nominal traits are described using simple statements of fact such as Two,
identical" for the trait Input Channels, Number of," rather than in terms of
limits that are performance requirements.
Table410:Nominal Traits
Signal Acquisition System
Name
Description
Bandwidth Selections
20 MHz and FULL
Digitizers, Number of
Two, identical, digitized simultaneously
Digitized Bits, Number of
8 bits1
Input Channels, Number of
Two, identical, called CH 1 and CH 2
Input Coupling
DC, AC, or GND
Ranges, Offset, All Channels
Volts/Div Setting
2 mV/div - 99.5 mV/div
100 mV/div - 995 mV/div
1 V/div - 10 V/div
Offset Range
±1 V
±10 V
±100 V
Range, Position
±5 divisions
Range, Sensitivity2
2 mV/div to 10 V/div
Rise Time
TDS 310: 7 ns
TDS 320: 3.5 ns
TDS 350: 1.75 ns
TekProbe Interface
Level one probe coding
1Displayed vertically with 25 digitization levels (DLs) per division and 10.24 divisions dynamic range with zoom off. A DL is the
smallest voltage level change that the 8bit AD Converter can resolve, with the input scaled to the volts/division setting of the
channel used. Expressed as a voltage, a DL is equal to 1/25 of a division times the volts/division setting.
2The sensitivity ranges from 2 mV/div to 10 V/div in a 1-2-5 sequence of coarse settings. Between consecutive coarse settings, the
sensitivity can be finely adjusted with a resolution of 1% of the more sensitive setting. For example, between 50 mV/div and 100mV/
div, the volts/division can be set with 0.5 mVresolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com