Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 116 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 116 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 112Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 113Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 114Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 115Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 116Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 117Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 118Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 119Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 120Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 242 page
background image
Nominal Traits
Specifications
414
Table417:Nominal Traits
Mechanical Characteristics
Name
Description
Weight
Standard Instrument
6.8 kg(15 lbs) standalone instrument;
8.4 kg(18.5 lbs) with front cover, accessories, and accessories
pouch installed;
12.7 kg(28 lbs) when packaged for domestic shipment
Rackmount Instrument
4.5 kg(10 lbs) for the rackmount conversion kit only; 7.5 kg
(17.5 lbs) when kit is packaged for domestic shipment;
6.4 kg(14 lbs), plus weight of rackmount parts, for the rack
mounted instrument (Option 1R);
14.5 kg(32 lbs) when the rackmounted instrument is packaged for
domestic shipment
Overall Dimensions
Standard Instrument (Figure 41)
Height:
191 mm (7.5 in) with feet and accessories pouch installed
165 mm (6.5 in) without the accessories pouch installed
Width:
362 mm (14.25 in) with handle
Depth:
471 mm (18.55 in) standalone instrument
490 mm (19.28 in) with front cover installed
564 mm (22.2 in) with handle extended
Rackmount Instrument
Height: 178 mm (7 in)
Width: 483 mm (19 in)
Depth: 472 mm (18.6 in) without handles; 517 mm (20.35 in) includ
inghandles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com