Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 114 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 114 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 110Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 111Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 112Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 113Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 114Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 115Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 116Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 117Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 118Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 242 page
background image
Nominal Traits
Specifications
412
Table411:Nominal Traits
Time Base System
Name
Description
Range, SampleRate1,2
TDS 310: 10 Samples/s to 200 MSamples/s in a 1-2-5 sequence
TDS 320: 10 Samples/s to 500 MSamples/s in a 1-2-5 sequence
TDS 350: 10 Samples/s to 1 GSamples/s in a 1-2-5 sequence
Range, Seconds/Division
TDS 310: 10 ns/div to 5 s/div in a 1-2.5-5 sequence
TDS 320: 5 ns/div to 5 s/div in a 1-2.5-5 sequence
TDS 350: 2.5 ns/div to 5 s/div in a 1-2.5-5 sequence
Range, Time Base Delay Time
16.5 ns to 50 seconds
Record Length
1,000 samples
1The range of realtime rates, expressed in samples/second, at which a digitizer samples signals at its inputs and stores the samples
in memory to produce a record of timesequential samples
2The Waveform Rate (WR) is the equivalent sample rate of a waveform record. For a waveform record acquired by realtime sampling
of a single acquisition, the waveform rate is the same as the realtime sample rate; for a waveform created by interpolation of real
time samples from a single acquisition or by equivalenttime sampling of multiple acquisitions, the waveform rate is faster than the
real time sample rate. For all three cases, the waveformrate is 1/(WaveformInterval) for the waveformrecord, where the waveform
interval (WI) is the time between the samples in the waveform record.
Table412:Nominal Traits
Triggering System
Name
Description
Range, Hold Off
500 ns minimum to 10 seconds maximum
Ranges, Trigger Level
Source
Any Channel
External
External /10
Line
Range
±12 divisions from center of screen
±1.5 Volts
±15 Volts
±300 Volts
Formats and Field Rates, Video Trigger
Triggers from syncnegative composite video, 525 to 625 lines,
50 Hz to 60 Hz, interlaced or noninterlaced systems with scan rates
from 15 kHz to 65 kHz - such as NTSC, PAL, or SECAM
TekProbe Interface, External Trigger
Level one probe coding
Table413:Nominal Traits
Display System
Name
Description
CRT Type
7inch (17.95 cm) diagonal, magnetic deflection; horizontal raster
scan; P31 green phosphor
Video Display Resolution
640 pixels horizontally by 480 pixels vertically
Display area is 5.04 inch (12.92 cm) horizontally by 3.78 inch
(9.69 cm) vertically



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com