Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 110 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 110 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 106Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 107Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 108Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 109Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 110Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 111Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 112Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 113Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 114Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 242 page
background image
Typical Characteristics
Specifications
48
Table47:Typical Characteristics
Triggering System
Name
Description
Error, Trigger Position, Edge Triggering
Acquire Mode
Sample, Average
Peak Detect, Envelope
Trigger Position Error1,2
±(1 WI + 2 ns)
±(2 WI + 2 ns)
Sensitivity, Video Type Trigger
Source
CH1 or CH2
External
External/10
Typical Sensitivity
0.6 division of video sync signal
75 mV of video sync signal
750 mV of video sync signal
Lowest Frequency for Successful Opera
tion of Set Level to 50%" Function
50 Hz
Sensitivity, Edge Type Trigger, Not DC
Coupled3
Trigger Coupling
AC
Noise Reject
High Frequency Reject
Low Frequency Reject
Typical Signal Level for Stable Trigger
ing
Same as DC coupled limits4 for frequen
cies above 60 Hz. Attenuates signals
below 60 Hz.
Three and one half times the DC coupled
limits.4
One and one half times times the DC
coupled limits4 from DC to 30 kHz. Atten
uates signals above 30 kHz.
One and one half times the DC coupled
limits4 for frequencies above 80 kHz. At
tenuates signals below 80kHz.
1The trigger position errors are typically less than the values given here. These values are for triggering signals having a slew
rate at the trigger point of ±0.5 division/ns.
2The waveform interval (WI) is the time between the samples in the waveform record. Also, see the footnote for the characteris
tics Sample Rate Range and Equivalent Time or Interpolated Waveform Rates in Table 411 on page 412.
3The minimum sensitivity for obtaining a stable trigger. A stable trigger results in a uniform, regular display triggered on the
selected slope. The trigger point must not switch between opposite slopes on the waveform, and the display must not roll"
across the screen on successive acquisitions. The TRIG'D LED stays constantly lighted when the SEC/DIVsetting is 2 ms or
faster but may flash when the SEC/DIVsetting is 10 ms or slower.
4See the characteristic Sensitivity, Edge Type Trigger, DC Coupled in Table 43, which begins on page 45.
Table48:Typical Characteristics
Probe Compensator Output
Name
Description
Output Voltage and Frequency,
Probe Compensator
Characteristic
Voltage
Frequency
5.0 V (lowhigh) into a 1MW load
1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com