Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 106 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 106 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 102Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 103Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 104Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 105Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 106Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 107Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 108Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 109Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 110Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 242 page
background image
Warranted Characteristics
Specifications
44
Table41:Warranted Characteristics
Signal Acquisition System (Cont.)
Name
Description
Accuracy, Offset
Volts/Div Setting
2 mV/div - 99.5 mV/div
100 mV/div - 995 mV/div
1 V/div - 10 V/div
Offset Accuracy
±(0.4% |Net Offset1|
+ 3 mV + 0.1 div  V/div set
ting)
±(0.4%  |Net Offset1|
+ 30 mV + 0.1 div  V/div set
ting)
±(0.4%  |Net Offset1|
+ 300 mV + 0.1 div  V/div set
ting)
Analog Bandwidth, DC Coupled
TDS 310:DC - ≥50 MHz
TDS 320:DC - ≥100 MHz
TDS 350:DC - ≥200 MHz; DC - ≥180 MHz for 2 mV/div
Cross Talk (Channel Isolation)
≥100:1 at 50 MHz with equal Volts/Div settings on each channel
Input Impedance, DC Coupled
1MW ±1% in parallel with 20 pF ±2.0 pF
Input Voltage, Maximum
±400 V (DC + peak AC); derate at 20 dB/decade above 100 kHz to
13 V peak AC at 3 MHz and above
Lower Frequency Limit, AC Coupled2
≤10 Hz
1Net Offset = Offset - (Position × Volts/Div). Net offset is the voltage level at the center of the AD converter dynamic range. Offset
Accuracy is the accuracy of this voltage level.
2The AC Coupled Lower Frequency Limits are reduced by a factor of 10 when 10X, passive probes are used.
Table42:Warranted Characteristics
Time Base System
Name
Description
Accuracy, Long Term Sample Rate
and Delay Time
±100 ppm over any ≥1 ms interval
Accuracy, Delta Time Measurements1,
2
For singleshot acquisitions using sample acquisition mode and a
bandwidth limit setting of FULL:
±(1 WI + 100 ppm  |Reading| + 0.6 ns)
For repetitive acquisitions using average acquisition mode with
≥16 averages and a bandwidth limit setting of FULL:
±(1 WI + 100 ppm  |Reading| + 0.4 ns)
1For input signals ≥5 divisions in amplitude and a slew rate of ≥2.0 divisions/ns at the delta time measurement points. Signal must
be acquired at a volts/division setting ≥5 mV/division.
2The WI (waveform interval) is the time between the samples in the waveform record. Also, see the footnotes for Sample Rate
Range and Equivalent Time or Interpolated Waveform Rates in Table 411 on page 412.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com