Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 105 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 105 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 101Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 102Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 103Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 104Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 105Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 106Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 107Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 108Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 109Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 242 page
background image
TDS 310, TDS 320 & TDS 350 Instruction Manual
43
Warranted Characteristics
Warranted characteristics are described in terms of quantifiable performance
limits that are warranted. This subsection lists only warranted characteristics.
NOTE
In these tables, those warranted characteristics that are checked in
the Performance Tests, starting on page 611, appear in boldface
type under the column Name.
The electrical characteristics found in these tables of warranted characteris
tics apply when the oscilloscope has been adjusted at an ambient tempera
ture between +20_ C and +30_ C, has had a warmup period ofat least
20 minutes, and is operating at an ambient temperature between -10_ C and
+55_ C (unless otherwise noted).
Table41:Warranted Characteristics
Signal Acquisition System
Name
Description
Accuracy, DC Voltage Measurement,
Average Acquisition Mode
Measurement Type
Average of ≥16 waveforms
Delta volts between any two aver
ages of ≥16 waveforms acquired
under the same setup and ambi
ent conditions
DC Accuracy
±(2.0%  |(reading -
Net Offset)| + Offset
Accuracy + 0.1 div)
±(2.0%  |reading| + 0.15 div
+ 0.3 mV)
Accuracy, DC Gain, Sample or
Average Acquisition Modes
±2%
Pulse Response, Peak Detect and
Envelope Mode
Sec/Div Setting
5 s/div - 25 ms/div
TDS 310:10 ms/div - 10 ns/div
TDS 320:10 ms/div - 5 ns/div
TDS 350:10 ms/div - 2.5 ns/div
Minimum Pulse Width
10 ns
The greater of10 ns or
.02  sec/div setting
Performance
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com