Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 108 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 108 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 104Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 105Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 106Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 107Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 108Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 109Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 110Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 111Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 112Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 242 page
background image
WarrantedCharacteristics
Specifications
46
Table44:Power Requirements
Name
Description
Source Voltage and Frequency
90 to 132 VACRMS, continuous range, for 47 Hz through 440 Hz
132 to 250 VACRMS, continuous range, for 47 Hz through 63 Hz
Power Consumption
≤65 Watts (120 VA)
Table45:WarrantedCharacteristics
Environmental, Safety, andReliability
Name
Description
Atmospherics
Temperature:
-10_ C to +55_ C, operating;
-51_ C to +71_ C, nonoperating
Relative humidity:
to 95%, at or below +40_ C; to 75%, +41_ C to +55_ C
Altitude:
To 15,000 ft (4570 m), operating;
to 40,000 ft (12190 m), nonoperating
Dynamics
Random vibration:
0.31 g RMS, from 5 to 500 Hz, 10 minutes each axis, operating;
2.46 g RMS, from 5 to 500 Hz, 10 minutes each axis,
nonoperating
Emissions1
Meets or exceeds the requirements of the following standards:
EN 50081-1 European Community Requirements
EN 55022 radiated emissions
EN 55022 Class B conducted emissions
EN 60555-2 power harmonics
VFG 0243
FCC Rules and Regulations, 47 CFR, Part 15, Subpart B, Class A
Susceptibility2
TDS 310 and TDS 320: ≤±0.2 division waveform displacement, or
≤0.4 division increase in pp noise.
TDS 350: ≤±0.2 division waveform displacement, or ≤0.4 division
increase in pp noise below 200 MHz. ≤±0.3 division waveform dis
placement, or ≤±0.6 division increase in pp noise from 200 MHz to
500 MHz.
The instruments are subjected to the EMI specified in the following
standards:
EN 50082-1 European Community Requirements
IEC 801-3 radiated susceptibility
IEC 801-4 fast transients
IEC 801-5 AC surge
1To maintain emission requirements when connecting to the I/O interface of this oscilloscope, use only a highquality, double
shielded(braidandfoil) cable. The cable shieldmust have low impedance connections to both connector housings. The VGA cable
must also have ferrite cores at either end. Acceptable cables are listed in Table 16 on page 16.
2Susceptibility test run with both channel inputs terminatedwith grounding caps, both channels set to 2 mV/Div, DC Coupling, the
trigger source set to Line, the Acquisition Mode set to Peak Detect, and the time base set to 25 ms/Div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com