Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 107 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 107 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 103Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 104Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 105Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 106Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 107Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 108Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 109Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 110Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 111Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 242 page
background image
Warranted Characteristics
TDS 310, TDS 320 & TDS 350 Instruction Manual
45
Table43:Warranted Characteristics
Triggering System
Name
Description
Accuracy, Trigger Level, DC Coupled
Trigger Source
CH1 or CH2
External
External/10
Sensitivity
±(3% of |Setting - Net Offset1|
+ 0.2 div  volts/div setting +
Offset Accuracy)
±(6% of |Setting| + 20 mV)
±(6% of |Setting| 200 mV)
Sensitivity, Edge Type Trigger, DC
Coupled
Trigger Source
CH1 or CH2
External
External/10
Sensitivity
TDS 310: 0.35 division from DC
to 20 MHz, increasing to 1 div at
50 MHz
TDS 320: 0.35 division from DC
to 50 MHz, increasing to 1 div at
100 MHz
TDS 350: 0.35 division from DC
to 50 MHz, increasing to 1 div at
200 MHz
TDS 310: 50 mVfrom DC to
20 MHz, increasing to 150 mVat
50 MHz
TDS 320: 50 mVfrom DC to
50 MHz, increasing to 150 mVat
100 MHz
TDS 350: 50 mVfrom DC to
50 MHz, increasing to 150 mVat
200 MHz
TDS 310: 500 mVfrom DC to
20 MHz, increasing to 1.5 Vat 50
MHz
TDS 320: 500 mVfrom DC to 50
MHz, increasing to 1.5 Vat 100
MHz
TDS 350: 500 mVfrom DC to 50
MHz, increasing to 1.5 Vat
200 MHz
Input Impedance, External Trigger
1MW ±2% in parallel with 20 pF ±2 pF
Maximum Input Voltage,
External Trigger
±400 V(DC + peak AC); derate at 20 dB/decade above 100 kHz to
13 Vpeak AC at 3 MHz and above
1Net Offset = Offset - (Position  Volts/Div). Net Offset is the voltage level at the center of the AD converter dynamic range. Offset
Accuracy is the accuracy of this voltage level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com