Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 109 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 109 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 105Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 106Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 107Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 108Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 109Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 110Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 111Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 112Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 113Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 242 page
background image
TDS 310, TDS 320 & TDS 350 Instruction Manual
47
Typical Characteristics
Typical characteristics are described in terms of typical or average
performance. Typical characteristics are not warranted.
Table46:Typical Characteristics
Signal Acquisition System
Name
Description
Accuracy, DC Gain, Envelope
Acquisition Mode
±3% for sec/div settings from 5 Sec/Div to 25 msec/div;
±2% for sec/div settings from 10 ms/div to 10 ns/div (TDS 310);
±2% for sec/div settings from 10 ms/div to 5 ns/div (TDS 320);
±2% for sec/div settings from 10 ms/div to 2.5 ns/div (TDS 350)
Accuracy, DC Voltage Measurement,
Sample Acquisition Mode
Measurement Type
Any Sample
Delta Volts between any two sam
ples2 acquired under the same set
up and ambient conditions
DC Accuracy
±(2.0%  (|reading - Net
Offset1|) + Offset Accuracy
+ 0.13 div + 0.6 mV)
±(2.0%  |reading| + 0.26 div
+ 1.2 mV)
Frequency Limit, Upper, 20 MHz
Bandwidth Limited
20 MHz
Step Response Settling Error
Volts/Div Setting
Step
Amplitude
Settling Error (%)3
2 mV/div - 99.5 mV/div
100mV/div -
995 mV/div
1 V/div - 10 V/div
≤2V
≤20 V
≤200 V
100 ns
≤1.0
≤1.5
≤2.5
20 ms
≤0.1
≤0.2
≤0.2
Common Mode Rejection Ratio
(CMRR)
100:1 at 60 Hz, reducing to 20:1 at 50 MHz, with equal Volts/Div and
Coupling settings on each channel.
1Net Offset = Offset - (Position × Volts/Div). Net Offset is the voltage level at the center of the AD converter dynamic range. Offset
Accuracy is the accuracy of this voltage level.
2The samples must be acquired under the same setup and ambient conditions.
3The values given are the maximum absolute difference between the value at the end of a specified time interval after the midlevel
crossing of the step, and the value one second after the midlevel crossing of the step, expressed as a percentage of the step
amplitude.
4Reference is a 9div pp sine wave input sampled at 200 MS/s for the TDS 310, 500 MS/s for the TDS 320, and 1 GS/s for the
TDS 350.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com