Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 48Page - STMicroelectronics ST7FLCD1 Datasheet HTML 49Page - STMicroelectronics ST7FLCD1 Datasheet HTML 50Page - STMicroelectronics ST7FLCD1 Datasheet HTML 51Page - STMicroelectronics ST7FLCD1 Datasheet HTML 52Page - STMicroelectronics ST7FLCD1 Datasheet HTML 53Page - STMicroelectronics ST7FLCD1 Datasheet HTML 54Page - STMicroelectronics ST7FLCD1 Datasheet HTML 55Page - STMicroelectronics ST7FLCD1 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 95 page
background image
I²C Single-Master Bus Interface
ST7FLCD1
52/95
10
I²C Single-Master Bus Interface
10.1
Introduction
The I²C Bus Interface serves as an interface between the microcontroller and the serial I²C bus. It
provides single-master functions, and controls all I²C bus-specific sequencing, protocol and timing.
It supports Fast I²C mode (400 kHz) and up to 800 kHz for certain applications.
10.2
Main Features
Parallel / I²C bus protocol converter
Interrupt generation
Standard I²C mode/Fast I²C mode (up to 800 kHz for certain applications)
7-bit Addressing
I²C Single Master Mode
End of byte transmission flag
Transmitter /Receiver flag
Clock generation
10.3
General Description
In addition to receiving and transmitting data, this interface converts data from serial to parallel
format and vice versa, using either an interrupt or a polled handshake. The interrupts are enabled or
disabled by software. The interface is connected to the I²C bus by a data pin (SDAI) and by a clock
pin (SCLI). It can be connected both with a standard I²C bus and a Fast I²C bus. This selection is
made by software.
Mode Selection
The interface can operate in the two following modes:
1. Master transmitter/receiver,
2. Idle (default).
The interface automatically switches from Idle to Master mode after it generates a START condition
and from Master to Idle mode after it generates a STOP condition.
Communication Flow
The interface initiates a data transfer and generates the clock signal. A serial data transfer always
begins with a start condition and ends with a stop condition. Both start and stop conditions are
generated by software.
Data and addresses are transferred as 8-bit bytes, MSB first. The first byte following the start
condition is the address byte.
A 9th clock pulse follows the 8 clock cycles of a byte transfer, during which the receiver must send
an acknowledge bit to the transmitter. Refer to Figure 28.
Acknowledge is enabled and disabled by software.
The speed of the I²C interface is selected as Standard (0 to 100 kHz) and Fast I²C (100 to 400 kHz)
and up to 800 kHz for certain applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com