Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 73Page - STMicroelectronics ST7FLCD1 Datasheet HTML 74Page - STMicroelectronics ST7FLCD1 Datasheet HTML 75Page - STMicroelectronics ST7FLCD1 Datasheet HTML 76Page - STMicroelectronics ST7FLCD1 Datasheet HTML 77Page - STMicroelectronics ST7FLCD1 Datasheet HTML 78Page - STMicroelectronics ST7FLCD1 Datasheet HTML 79Page - STMicroelectronics ST7FLCD1 Datasheet HTML 80Page - STMicroelectronics ST7FLCD1 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 95 page
background image
77/95
ST7FLCD1
8-bit Timer (TIMA)
13
8-bit Timer (TIMA)
13.1
Introduction
Timer A is an 8-bit programmable free-running downcounter driven by a programmable prescaler.
This block also has a buzzer. The block diagram is shown in Figure 41.
13.2
Main Features
Programmable Prescaler: fCPU divided by 1, 8 or 64.
Overflow status flag and maskable interrupt
Reduced power mode
Independent buzzer output with 4 programmable tones
13.3
Functional Description
Timer A is a 8-bit downcounter and its associated 8-bit register is loaded as start value of the
downcounter each time it has reached the 00h value. A flag indicates that the downcounter rolled
over the 00h value. The buzzer has 4 distinct tones. Before the downcounter prescaler block, the
frequency is divided by 2048.
fTIMER = fCPU/2048
Note:
In One-shot mode, the counter stops at 00h (low power state).
Figure 41: Timer A (TIMA) Block Diagram
8-bit downcounter
Preload Register
Prescaler
OVF
OVFE
BUZE
fCPU
OVF Interrupt
Buzzer
Prescaler
Request
TIMCSRA
8
TAR
fTIMER
TIMCPRA
1 / 8 / 64
TB1
TB0
BUZ1 BUZ0
Fixed
Prescaler
% 2048
Interrupt
BUZOUT
Buzzer
Output
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com