Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 43Page - STMicroelectronics ST7FLCD1 Datasheet HTML 44Page - STMicroelectronics ST7FLCD1 Datasheet HTML 45Page - STMicroelectronics ST7FLCD1 Datasheet HTML 46Page - STMicroelectronics ST7FLCD1 Datasheet HTML 47Page - STMicroelectronics ST7FLCD1 Datasheet HTML 48Page - STMicroelectronics ST7FLCD1 Datasheet HTML 49Page - STMicroelectronics ST7FLCD1 Datasheet HTML 50Page - STMicroelectronics ST7FLCD1 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 95 page
background image
47/95
ST7FLCD1
PWM Generator
DUTY CYCLE REGISTERS (PWMDCRx)
Read/Write
Reset Value 0000 0000 (00h)
Bits [7:0] = DC[7:0] Duty Cycle Data
These bits are set and cleared by software.
A DCRx register is associated with the DCRix register of each PWM channel to determine the
second edge location of the PWM signal (the first edge location is common to all 4 channels and
given by the ARR register). These DCR registers allow the duty cycle to be set independently for
each PWM channel.
CONTROL REGISTER A (PWMCRA)
Read/Write
Reset Value: 0000 0000 (00h)
Bits [7:4] = OE [3:0] PWM Output Enable.
These bits are set and cleared by software. They enable or disable the PWM output channels
independently acting on the corresponding I/O pin.
0
the PWM pin is a general I/O.
1
the PWM pin is driven by the PWM peripheral.
Bits [3:0] = OP[3:0] PWM Output Polarity.
These bits are set and cleared by software. They independently select the polarity of the 4 PWM
output signals.
0
positive polarity.
1
negative polarity.
Note:
When an OPx bit is modified, the PWMx output signal is immediately updated.
AUTO-RELOAD REGISTER A (PWMARRA)
Read/Write
Reset Value: 1111 1111(FFh)
Bits [7:0] = AR[7:0] Counter Auto-Reload Data.
These bits are set and cleared by software. They are used to hold the auto-reload value which is
automatically loaded in the counter when an overflow occurs. Writing in this register reload the
PWM counter to ARR A value. At the same time, the PWM output levels are changed according to
the corresponding OPx bit in the PWMCR register.
765
432
10
DC7
DC6
DC5
DC4
DC3
DC2
DC1
DC0
765
432
10
OE3
OE2
OE1
OE0
OP3
OP2
OP1
OP0
765
432
10
AR73
AR6
AR5
AR4
AR3
AR2
AR1
AR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com