Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 4Page - STMicroelectronics ST7FLCD1 Datasheet HTML 5Page - STMicroelectronics ST7FLCD1 Datasheet HTML 6Page - STMicroelectronics ST7FLCD1 Datasheet HTML 7Page - STMicroelectronics ST7FLCD1 Datasheet HTML 8Page - STMicroelectronics ST7FLCD1 Datasheet HTML 9Page - STMicroelectronics ST7FLCD1 Datasheet HTML 10Page - STMicroelectronics ST7FLCD1 Datasheet HTML 11Page - STMicroelectronics ST7FLCD1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 95 page
background image
General Information
ST7FLCD1
8/95
1.4
Pin Description
Figure 2: 28-pin Small Outline Package (SO28) Pinout
Table 1: 28-pin Small Outline Package (SO28) Pin Description (Sheet 1 of 2)
Pin
Pin Name
Type
Description
Remark
1
OSCOUT
O
Oscillator Input
Normal use at 24 MHz
2
OSCIN
I
Oscillator Output
3
RESET
I/O
Reset
4
PB0/AIN0
I/O
Port B0 or ADC Analog Input 0
5
PB1/AIN1
I/O
Port B1 or ADC Analog Input 1
6
PB2/AIN2
I/O
Port B2 or ADC Analog Input 2
7
PB3/AIN3/IFR
I/O
Port B3 or ADC Analog Input 3 or IFR Input
8
PA0/PWM0
I/O
Port A0 or PWM Output 0
9
PA1/PWM1
I/O
Port A1 or PWM Output 1
10
PA2/PWM2
I/O
Port A2 or PWM Output 2
11
PA3/PWM3
I/O
Port A3 or PWM Output 3
12
PA4/PWM4
I/O
Port A4 or PWM Output 4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
OSCOUT
OSCIN
RESET
PB0/AIN0
PB1/AIN1
PB2/AIN2
PB3/AIN3/IFR
PA0/PWM0
PA1/PWM1
PA2/PWM2
PA3/PWM3
PA4/PWM4
PA5/PWM5/BUZOUT
PA6/ITA/EXTRIG
PA7/ITB
PD0/I2C_SCL
PD1/I2C_SDA
PD2/DDCA_SCL
PD3/DDCA_SDA
PD4/DDCB_SCL
PD5/DDCB_SDA
PD6
PD7
PC0/ICC_CLK
PC1/ICC_DATA
VPP
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com