Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 62Page - STMicroelectronics ST7FLCD1 Datasheet HTML 63Page - STMicroelectronics ST7FLCD1 Datasheet HTML 64Page - STMicroelectronics ST7FLCD1 Datasheet HTML 65Page - STMicroelectronics ST7FLCD1 Datasheet HTML 66Page - STMicroelectronics ST7FLCD1 Datasheet HTML 67Page - STMicroelectronics ST7FLCD1 Datasheet HTML 68Page - STMicroelectronics ST7FLCD1 Datasheet HTML 69Page - STMicroelectronics ST7FLCD1 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 95 page
background image
Display Data Channel Interfaces (DDC)
ST7FLCD1
66/95
Read and Write Operations
After each byte transfer, the internal address counter automatically increments. If the counter is
pointing to the top of the structure, it rolls over to the bottom since the increment is performed only
on the 7 or 8 LSBs of the pointer depending on the selected data structure size. It rolls over from
7Fh to 00h or from FFh to 80h depending on the MSB of the last data address received.
Then after that last byte has been effectively written or read in RAM at LSB address 7Fh or FFh, the
EDF flag is set and an interrupt is generated if EDE is set.
The transfer is terminated by the master generating a STOP condition.
11.5
DDC/CI Factory Alignment Interface
Refer to the CR, SR1 and SR2 registers in Section 11.7: Register Description for the bit definitions.
The DDC/CI interface works as an I/O interface between the microcontroller and the DDC2Bi,
HDCP, E-DDC or Factory alignment protocols. It receives and transmits data in Slave I²C mode
using an interrupt or polled handshaking.
The interface is connected to the I²C bus through a data pin (SDAD) and a clock pin (SCLD)
configured as an open-drain output.
The DDC/CI interface has five internal register locations. Two of them are used to initialize the
interface:
1. 2 Own Address Registers OAR1 and OAR2
2. Control register CR
The following four registers are used during data transmission/reception:
1. Data Register DR
2. Control Register CR
3. Status Register 1 SR1
4. Status Register 2 SR2
The interface decodes an I²C or DDC2Bi address stored by software in either OAR register and/or
the DDC/CI address (6Eh/6Fh) as its default hardware address.
After a reset, the interface is disabled.
11.5.1 I²C Modes
The interface operates in Slave Transmitter/Receiver modes.
The master generates both Start and Stop conditions. The I²C clock (SCL) is always received by the
interface from a master, but the interface is able to stretch the clock line.
The interface can recognize its two programmable addresses (7-bit) and its default hardware
address (DDC/CI address: 6Eh/6Fh). The DDC/CI address detection may be enabled or disabled
by software. It never recognizes the Start byte (01h) whatever its own address is.
Slave mode
As soon as a start condition is detected, the address is received from the SDA line and sent to the
shift register where it is compared to the programmable addresses or to the DDC/CI address (if
selected by software).
Address not matched: the interface ignores it and waits for another Start condition.
Address matched: the following events occur in sequence:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com