Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 90 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 86Page - STMicroelectronics ST7FLCD1 Datasheet HTML 87Page - STMicroelectronics ST7FLCD1 Datasheet HTML 88Page - STMicroelectronics ST7FLCD1 Datasheet HTML 89Page - STMicroelectronics ST7FLCD1 Datasheet HTML 90Page - STMicroelectronics ST7FLCD1 Datasheet HTML 91Page - STMicroelectronics ST7FLCD1 Datasheet HTML 92Page - STMicroelectronics ST7FLCD1 Datasheet HTML 93Page - STMicroelectronics ST7FLCD1 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 95 page
background image
Electrical Characteristics
ST7FLCD1
90/95
17.5
Power On/Off Electrical Specifications
17.6
8-bit Analog-to-Digital Converter
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VTRH
Power ON/OFF Reset Trigger
VDD rising edge
VDD Variation 50mV/mS
3.8
4
4.2
V
VTRL
Power ON/OFF Reset Trigger
VDD falling edge
VDD Variation 50mV/mS
3.75
4
4.2
V
VTRM
VDD minimum for Power ON/OFF
Reset active
VDD Variation 50mV/mS
TBD
V
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fADC
Analog control frequency
VDD = 5 V
2
MHz
|TUE|
Total unadjusted error
fCPU = 8 MHz, fADC =
2MHz
VDD = 5 V
01
2
LSB
OE
Offset error
-2
1
2
GE
Gain error
-2
1
2
|DLE|
Differential linearity error
0
0.5
1
|ILE|
Integral linearity error
0
1
2
VAIN
Conversion range voltage
VSS
VDD
V
IADC
A/D conversion supply current
fCPU = 8 MHz, fADC =
2MHz
VDD = 5 V
1mA
tSTAB
Stabilization time after enable ADC
1
µs
tLOAD
Sample capacitor loading time
1
4
µs
1/fADC
tCONV
Conversion time
2
8
µs
1/fADC
RAIN
External input resistor
15
k
Ω
RADC
Internal input resistor
1.5
k
Ω
CSAMPLE
Sample capacitor
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com