Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 68Page - STMicroelectronics ST7FLCD1 Datasheet HTML 69Page - STMicroelectronics ST7FLCD1 Datasheet HTML 70Page - STMicroelectronics ST7FLCD1 Datasheet HTML 71Page - STMicroelectronics ST7FLCD1 Datasheet HTML 72Page - STMicroelectronics ST7FLCD1 Datasheet HTML 73Page - STMicroelectronics ST7FLCD1 Datasheet HTML 74Page - STMicroelectronics ST7FLCD1 Datasheet HTML 75Page - STMicroelectronics ST7FLCD1 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 95 page
background image
Display Data Channel Interfaces (DDC)
ST7FLCD1
72/95
DDC STATUS REGISTER 2 (DDCSR2)
Read Only
Reset Value: 0000 0000 (00h)
Bits [7:5] = Reserved. Forced to 0 by hardware.
Bit 4 = AF Acknowledge failure.
This bit is set by hardware when no acknowledge is returned. An interrupt is generated if ITE = 1. It
is cleared by software by reading the SR2 register or by hardware when the interface is disabled
(PE = 0).
The SCL line is not held low when AF = 1.
0
No acknowledge failure
1
Acknowledge failure
Bit 3 = STOPF Stop detection.
This bit is set by hardware when a Stop condition is detected on the bus after an acknowledge (if
ACK = 1). An interrupt is generated if ITE = 1. It is cleared by software by reading the SR2 register
or by hardware when the interface is disabled (PE = 0). The SCL line is not held low when STOPF
= 1.
0
No Stop condition detected
1
Stop condition detected
Bit 2 = Reserved. Forced to 0 by hardware.
Bit 1 = BERR Bus error.
This bit is set by hardware when the interface detects a misplaced Start or Stop condition. An
interrupt is generated if ITE = 1. It is cleared by software by reading the SR2 register or by hardware
when the interface is disabled (PE = 0).
The SCL line is not held low when BERR = 1.
0
No misplaced Start or Stop condition
1
Misplaced Start or Stop condition
Bit 0 = DDCIF DDC/CI address detected.
This bit is set by hardware when the DDC/CI address (6Eh/6Fh) is detected on the bus when
DDCIEN = 1. It is cleared by hardware when a Stop condition (STOPF = 1) is detected, or when the
interface is disabled (PE = 0).
0
No DDC/CI address detected on bus
1
DDC/CI address detected on bus
DDC DATA REGISTER (DDCDR)
Read / Write
Reset Value: 0000 0000 (00h)
765
432
10
0
0
0
AF
STOPF
0
BERR
DDCIF
765
432
10
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com