Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 42Page - STMicroelectronics ST7FLCD1 Datasheet HTML 43Page - STMicroelectronics ST7FLCD1 Datasheet HTML 44Page - STMicroelectronics ST7FLCD1 Datasheet HTML 45Page - STMicroelectronics ST7FLCD1 Datasheet HTML 46Page - STMicroelectronics ST7FLCD1 Datasheet HTML 47Page - STMicroelectronics ST7FLCD1 Datasheet HTML 48Page - STMicroelectronics ST7FLCD1 Datasheet HTML 49Page - STMicroelectronics ST7FLCD1 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 95 page
background image
PWM Generator
ST7FLCD1
46/95
8.4
Register Description
Each PWM is associated with two control bits (OEx and OPx) and a control register (DCRx).
Figure 26: PWM Simplified Voltage Output after Filtering
Table 18: PWM Register Map
Address
Reset
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
000Fh
00h
R/W
PWMDCR0
DCR0[7:0]
0010h
00h
R/W
PWMDCR1
DCR1[7:0]
0011h
00h
R/W
PWMDCR2
DCR2[7:0]
0012h
00h
R/W
PWMDCR3
DCR3[7:0]
0013h
00h
R/W
PWMCRA
OE3
OE2
OE1
OE0
OP3
OP2
OP1
OP0
0014h
FFh
R/W
PWMARRA
ARRA[7:0]
0015h
00h
R/W
PWMDCR4
DCR4[7:0]
0016h
00h
R/W
PWMDCR5
DCR5[7:0]
0017h
00h
R/W
PWMCRB
0
0
OE5
OE4
0
0
OP5
OP4
0018h
FFh
R/W
PWMARRB
ARRB[7:0]
V DD
0V
0V
DD
V
VRIPPLE (mV)
VOUTAVG
“Charge”
“Discharge”
“Charge”
“Discharge”
0V
V
V
0V
OUTAVG
V
(mV)
RIPPLE
V
“Charge”
“Discharge”
“Charge”
“Discharge”
PWMOUT
DD
DD
PWMOUT
Output
Voltage
Output
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com