Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 64Page - STMicroelectronics ST7FLCD1 Datasheet HTML 65Page - STMicroelectronics ST7FLCD1 Datasheet HTML 66Page - STMicroelectronics ST7FLCD1 Datasheet HTML 67Page - STMicroelectronics ST7FLCD1 Datasheet HTML 68Page - STMicroelectronics ST7FLCD1 Datasheet HTML 69Page - STMicroelectronics ST7FLCD1 Datasheet HTML 70Page - STMicroelectronics ST7FLCD1 Datasheet HTML 71Page - STMicroelectronics ST7FLCD1 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 95 page
background image
Display Data Channel Interfaces (DDC)
ST7FLCD1
68/95
How to Release the SDA / SCL Lines
Set and subsequently clear the STOP bit when BTF is set. The SDA/SCL lines are released after
the transfer of the current byte.
Other Events
ADSL: Detection of a Start condition after an acknowledge time-slot. The state machine is reset
and starts a new process. The ADSL bit is set and an interrupt is generated if the ITE bit is set. The
SCL line is stretched low.
STOPF: Detection of a Stop condition after an acknowledge time-slot. The state machine is reset.
Then the STOPF flag is set and an interrupt is generated if the ITE bit is set.
11.6
Transfer Sequencing
Slave Receiver
Slave Transmitter
Legend:
S = Start, P = Stop, A = Acknowledge, NA = Non-acknowledge and EVx = Event (with interrupt if
ITE = 1)
EV1: EVF = 1, ADSL = 1, cleared by reading register SR1.
EV2: EVF = 1, BTF = 1, cleared by reading register SR1 followed by reading DR register.
EV3: EVF = 1, BTF = 1, cleared by reading register SR1 followed by writing DR register.
EV3-1: EVF = 1, AF = 1 and BTF = 1, AF is cleared by reading register SR2, BTF is cleared by
releasing the lines (write STOP = 1, STOP = 0 in register CR) or by writing to register DR (DR
= FFh).
Note:
If the lines are released by STOP = 1, STOP = 0, the subsequent EV4 is not seen.
EV4: EVF = 1, STOPF = 1, cleared by reading register SR2.
S
Address
A
Data1
A
Data2
A
.....
DataN
A
P
EV1
EV2
EV2
EV2
EV4
S Address
A
Data1
A
Data2
A
.....
DataN
NA
P
EV1
EV3
EV3
EV3
EV3-1
EV4
Figure 39: Event Flags and Interrupt Generation
BTF
ADSL
AF
STOPF
BERR
EVF
Interrupt
ITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com