Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 33Page - STMicroelectronics ST7FLCD1 Datasheet HTML 34Page - STMicroelectronics ST7FLCD1 Datasheet HTML 35Page - STMicroelectronics ST7FLCD1 Datasheet HTML 36Page - STMicroelectronics ST7FLCD1 Datasheet HTML 37Page - STMicroelectronics ST7FLCD1 Datasheet HTML 38Page - STMicroelectronics ST7FLCD1 Datasheet HTML 39Page - STMicroelectronics ST7FLCD1 Datasheet HTML 40Page - STMicroelectronics ST7FLCD1 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 95 page
background image
37/95
ST7FLCD1
I/O Ports
An alternate Input must first be configured in Input mode (DDR = 0). Alternate and I/O Input
configurations are identical without pull-up. The signal to be input in the peripheral is taken after the
TTL Schmitt trigger when available.
The I/O state is readable as in Input mode by addressing the corresponding I/O Data Register.
7.3
Port A
Each Port A bit can be defined as an Input line or as a Push-Pull. It can be also be used to output
the PWM outputs.
Outputs PA4 and PA5 may also be configured as high current (8 mA) push-pull outputs by means of
the MISCR register.
MISCELLANEOUS REGISTER (MISCR)
Read/Write
Reset value:00h
Bits [7:3] = Reserved. Forced by hardware to 0.
Bit 2 = PA5OVD Port A Bit 5 Overdrive
This bit is set and cleared by software. It is used only if Port A Bit 5 is set as an output (PADDR,
PWM5 or BUZOUT). It has no effect if set as an input.
0
2 mA Push-pull Output
1
8 mA Push-pull Output
Table 11: Port A Description
Port A
I / O
Alternate Function
Input1
1. Reset state.
Output
Signal
Condition
PA0
with Weak Pull-up
Push-pull
PWM0
OE0 = 1 (PWM)
PA1
with Weak Pull-up
Push-pull
PWM1
OE1 = 1 (PWM)
PA2
with Weak Pull-up
Push-pull
PWM2
OE2 = 1 (PWM)
PA3
with Weak Pull-up
Push-pull
PWM3
OE3 = 1 (PWM)
PA4
with Weak Pull-up
Push-pull
PWM4
OE4 = 1 (PWM)
PA5
with Weak Pull-up
Push-pull
PWM5
OE5 = 1 (PWM)
with Weak Pull-up
BUZOUT
BUZEN = 1 (Timer A)2
2. If both PWM5 and BUZOUT are enabled, BUZOUT has priority over PWM5.
PA6
with Weak Pull-up
Push-pull
External Interrupt ITA
see External Interrupt
Register Description
PA7
with Weak Pull-up
Push-pull
External Interrupt ITB
765
432
10
0
0
0
0
0
PA5OVD
PA4OVD
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com