Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 8Page - STMicroelectronics ST7FLCD1 Datasheet HTML 9Page - STMicroelectronics ST7FLCD1 Datasheet HTML 10Page - STMicroelectronics ST7FLCD1 Datasheet HTML 11Page - STMicroelectronics ST7FLCD1 Datasheet HTML 12Page - STMicroelectronics ST7FLCD1 Datasheet HTML 13Page - STMicroelectronics ST7FLCD1 Datasheet HTML 14Page - STMicroelectronics ST7FLCD1 Datasheet HTML 15Page - STMicroelectronics ST7FLCD1 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 95 page
background image
General Information
ST7FLCD1
12/95
0008h
Port D
PDDR
Port D Data Register
00h
R/W
0009h
PDDDR
Port D Data Direction Register
00h
R/W
000Ah
ADC
ADCDR
ADC Data Register
00h
R
000Bh
ADCCSR
ADC Control Status Register
00h
R/W
000Ch
INTERRUPT
ITRFRE
External Interrupt Register
00h
R/W
000Dh
TIMA
TIMCSRA
Timer Control Status Register
00h
R/W
000Eh
TIMCPRA
Timer Counter Preload Register
00h
R/W
000Fh
PWM
PWMDCR0
8-bit PWM0 Duty Cycle Register
00h
R/W
0010h
PWMDCR1
8-bit PWM1 Duty Cycle Register
00h
R/W
0011h
PWMDCR2
8-bit PWM2 Duty Cycle Register
00h
R/W
0012h
PWMDCR3
8-bit PWM3 Duty Cycle Register
00h
R/W
0013h
PWMCRA
PWM[0...3] Control Register
00h
R/W
0014h
PWMARRA
PWM[0...3] Auto Reload Register
FFh
R/W
0015h
PWMDCR4
8-bit PWM4 Duty Cycle Register
00h
R/W
0016h
PWMDCR5
8-bit PWM5 Duty Cycle Register
00h
R/W
0017h
PWMCRB
PWM[4...5] Control Register
00h
R/W
0018h
PWMARRB
PWM[4...5] Auto Reload Register
FFh
R/W
0019h
FLASH
FCSR
Flash Control/Status Register
00h
R/W
001Ah
Reserved
001Bh
WDG
WDGCR
Watchdog Control Register
7Fh
R/W
001Ch
I²C
I2CCR
I²C Control Register
00h
R/W
001Dh
I2CSR
I²C Status Register
00h
R
001Eh
I2CCCR
I²C Clock Control Register
00h
R/W
001Fh
I2CDR
I²C Data Register
00h
R/W
0020h
DDC A
DDCCRA
DDC A Control Register
00h
R/W
0021h
DDCSR1A
DDC A Status 1 Register
00h
R
0022h
DDCSR2A
DDC A Status 2 Register
00h
R
0023h
DDCOAR1A
DDC (7-bit) A Slave address 1 Register
00h
R/W
0024h
DDCOAR2A
DDC (7-bit) A Slave address 2 Register
00h
R/W
0025h
DDCDRA
DDC A Data Register
00h
R/W
0026h
RESERVED
0027h
DDCDCRA
DDC2B A Control Register
00h
R/W
Table 2: Hardware Register Memory Map (Sheet 2 of 3)
Address
Block
Register
Register Name
Reset
Status
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com