Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 78Page - STMicroelectronics ST7FLCD1 Datasheet HTML 79Page - STMicroelectronics ST7FLCD1 Datasheet HTML 80Page - STMicroelectronics ST7FLCD1 Datasheet HTML 81Page - STMicroelectronics ST7FLCD1 Datasheet HTML 82Page - STMicroelectronics ST7FLCD1 Datasheet HTML 83Page - STMicroelectronics ST7FLCD1 Datasheet HTML 84Page - STMicroelectronics ST7FLCD1 Datasheet HTML 85Page - STMicroelectronics ST7FLCD1 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 95 page
background image
8-bit Timer with External Trigger (TIMB)
ST7FLCD1
82/95
Bit 4 = OVFE Timer Overflow Interrupt Enable
This bit is set and cleared by software.
0
Interrupt disabled
1
Interrupt enabled
Bit 3 = TAR Timer Auto Reload
This bit is set and cleared by software.
0
One-shot mode. The counter restarts after writing to the TIMCPRB register.
1
Auto reload mode. The counter is reloaded automatically from the TIMCPRB register when 00h
is reached.
Bit 2 = EXT External Trigger
This bit is set and cleared by software.
0
Internal. The downcounter restarts after writing to the TIMCPRB register or after an auto-reload
if the TAR bit is set
1
External. The downcounter is preloaded with the TIMCPRB register but the countdown starts
only when the external signal is detected, not by writng to the TIMCPRB register.
Bit 1 = EDG External Signal Edge
This bit is set and cleared by software.
0
A rising edge signal starts the count-down.
1
A falling edge signal starts the count-down
Bit 0 = EEF External Event Flag
This bit is set and cleared by hardware when an external event occurs.
This bit is cleared when the counter reaches “00h” in External mode or when the value of the EXT
bit is changed by software.
In Internal mode, this bit is set when the selected edge is detected (the EDG bit) but it is never
cleared by itself. It may then be used as a simple edge detector.
TIMER B COUNTER PRELOAD REGISTER (TIMCPRB)
Read/Write
Reset value: (01h)
Bits [7:0] = PR[7:0] Counter Preload Data
This bit is set and cleared by software.
Bits hold the reload value which is loaded in the counter either immediately (EXT = 0) or when the
external signal is detected (EXT = 1).
Note:
The N number loaded in TIMCPRB register corresponds to a time of (N + 1) x Period timer.
The "00" value is prohibited.
7
0
PR7
PR6
PR5
PR4
PR3
PR2
PR1
PR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com