Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 70Page - STMicroelectronics ST7FLCD1 Datasheet HTML 71Page - STMicroelectronics ST7FLCD1 Datasheet HTML 72Page - STMicroelectronics ST7FLCD1 Datasheet HTML 73Page - STMicroelectronics ST7FLCD1 Datasheet HTML 74Page - STMicroelectronics ST7FLCD1 Datasheet HTML 75Page - STMicroelectronics ST7FLCD1 Datasheet HTML 76Page - STMicroelectronics ST7FLCD1 Datasheet HTML 77Page - STMicroelectronics ST7FLCD1 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 95 page
background image
Display Data Channel Interfaces (DDC)
ST7FLCD1
74/95
1
NACK or STOP condition met in Read mode.
Bit 4 = ENDCE End of Communication interrupt Enable.
This bit is set and cleared by software.
0
End of Communication interrupt disabled.
1
End of Communication interrupt enabled.
Bit 3 = EDF End of Download interrupt Flag.
This bit is set by hardware. An interrupt is generated if EDE = 1. It must be cleared by software.
0
Download not started or not completed yet.
1
Download completed. Last byte of data structure (relative address 7Fh or FFh) has been stored
or read in RAM.
In Read Mode: EDF is set upon reading the next byte after the internal address counter has rolled
over from 7Fh to 00h, or FFh to 80h.
In Write Mode: EDF is set when the last byte of data structure has been stored in RAM, and only if
writing to the RAM is enabled (bit WP = 0). if writing occurs but WP=1, EDF is not set.
Bit 2 = EDE End of Download interrupt Enable.
This bit is set and cleared by software.
0
End of Download interrupt disabled.
1
End of Download interrupt enabled.
Bit 1 = WP Write Protect.
This bit is set and cleared by software.
0
Enable writes to the RAM.
1
Disable DMA write transfers and protect the RAM content.
CPU writes to the RAM are not affected.
Bit 0 = DDC2BPE DDC2B Peripheral Enable.
This bit is set and cleared by software.
0
Release the SDA port pin and ignore SCL port pin. The other bits of the DCR are left un-
changed.
1
Enable the DDC Interface and respond to the DDC2B protocol.
Note:
When DDC2BPE = 1, all the bits of the DCR register are locked and cannot be changed. The
desired configuration therefore must be written in the DCR register with DDC2BPE = 0 and then set
the DDC2BPE bit in a second step.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com