Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 30Page - STMicroelectronics ST7FLCD1 Datasheet HTML 31Page - STMicroelectronics ST7FLCD1 Datasheet HTML 32Page - STMicroelectronics ST7FLCD1 Datasheet HTML 33Page - STMicroelectronics ST7FLCD1 Datasheet HTML 34Page - STMicroelectronics ST7FLCD1 Datasheet HTML 35Page - STMicroelectronics ST7FLCD1 Datasheet HTML 36Page - STMicroelectronics ST7FLCD1 Datasheet HTML 37Page - STMicroelectronics ST7FLCD1 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 95 page
background image
Clocks & Low Power Modes
ST7FLCD1
34/95
6.2.4
Selected Peripherals Mode
Certain peripherals have an “On/Off “bit to disconnect the block (or part of it) and decrease MCU
power consumption.
Figure 15: WAIT Flow Chart
Table 9: Peripheral Modes
Bits
Register
Comment
Default at
Reset
PORTs
PxDDi
PxDDR
Cut the output function pad (input mode)
OFF
ADC
ADON
ADCSR
Cut analog consumption and clock
OFF
PWMi
OEi
PWMCRx
Cut the pad consumption
OFF
DDC
PE, DDC2BPE
DDCCR, DDCDCR
OFF
WDG
WGDA
WDGCR
Cut the output reset
OFF
I2C
PE
I2CCR
OFF
Note:
Before servicing an
interrupt, the CC register
is pushed on the stack.
The I bit is set during the
interrupt routine and
cleared when the CC
register is popped.
If reset
Fetch Reset, Vector
or Service Interrupt
MDP Run Mode
N
N
Interrupt
Reset
WFI instruction
4096 CPU Clock
Cycles Delay
Y
Y
MCU
Oscillator: ON
Periph. clock: ON
CPU clock: ON
I bit: Cleared
Oscillator: ON
Periph. clock: ON
CPU clock: ON
I bit: Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com