Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 71Page - STMicroelectronics ST7FLCD1 Datasheet HTML 72Page - STMicroelectronics ST7FLCD1 Datasheet HTML 73Page - STMicroelectronics ST7FLCD1 Datasheet HTML 74Page - STMicroelectronics ST7FLCD1 Datasheet HTML 75Page - STMicroelectronics ST7FLCD1 Datasheet HTML 76Page - STMicroelectronics ST7FLCD1 Datasheet HTML 77Page - STMicroelectronics ST7FLCD1 Datasheet HTML 78Page - STMicroelectronics ST7FLCD1 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 95 page
background image
75/95
ST7FLCD1
Watchdog Timer (WDG)
12
Watchdog Timer (WDG)
12.1
Introduction
The Watchdog Timer is used to detect the occurrence of a software fault, usually generated by
external interference or by unforeseen logical conditions, which causes the application program to
abandon its normal sequence. The Watchdog circuit generates an MCU reset when the
programmed time period expires, unless the program refreshes the counter’s contents before the
T6 bit is cleared. In addition, a second counter prevents the Watchdog register from being updated
at intervals that are too close.
12.2
Main Features
Programmable timer (64 increments of 50000 CPU cycles)
Programmable reset
Reset (if watchdog enabled) when the T6 bit reaches zero
Reset (if watchdog enabled) on HALT instruction
Lock-up Counter for preventing short time refreshes
12.3
Main Watchdog Counter
The counter value stored in the CR register (bits T[6:0]), is decremented every 50000 clock cycles,
and the length of the time out period can be programmed by the user in 64 increments.
If the watchdog is enabled (bit WDGA is set) and when the 7-bit timer (bits T[6:0]) rolls over from
40h to 3Fh (T6 is cleared), it initiates a reset cycle pulling low the reset pin for typically 500 ns:
The WDGA bit is set (watchdog enabled)
Bit T6 is set to prevent generating an immediate reset
Bits T[5:0] contain the number of increments which represents the time delay before the
watchdog produces a reset.
Following a reset, the watchdog is disabled. Once activated it cannot be disabled, except by a reset.
Figure 40: Watchdog Block Diagram
Reset
WDGA
7-bit Downcounter
fCPU
T6
T0
Clock Divider
Watchdog Control Register (CR)
÷50000
T1
T2
T3
T4
T5
Lock-up Counter
(256 fCPU)
Write
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com