Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLCD1 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 24Page - STMicroelectronics ST7FLCD1 Datasheet HTML 25Page - STMicroelectronics ST7FLCD1 Datasheet HTML 26Page - STMicroelectronics ST7FLCD1 Datasheet HTML 27Page - STMicroelectronics ST7FLCD1 Datasheet HTML 28Page - STMicroelectronics ST7FLCD1 Datasheet HTML 29Page - STMicroelectronics ST7FLCD1 Datasheet HTML 30Page - STMicroelectronics ST7FLCD1 Datasheet HTML 31Page - STMicroelectronics ST7FLCD1 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 95 page
background image
Flash Program Memory
ST7FLCD1
28/95
5
Flash Program Memory
5.1
Introduction
The ST7 dual voltage High Density Flash (HDFlash) is a non-volatile memory that can be
electrically erased as a single block or by individual sectors and programmed on a byte-by-byte
basis using an external Vpp supply.
HDFlash devices can be programmed and erased off-board (plugged in a programming tool) or on-
board using In-Circuit Programming (ICP) and In-Application Programming (IAP).
The array matrix organization allows each sector to be erased and reprogrammed without affecting
other sectors.
5.2
Main Features
Three Flash programming modes:
- Insertion in a programming tool. In this mode, all sectors including option bytes can be
programmed or erased.
- ICP (In-Circuit Programming). In this mode, all sectors including option bytes can be
programmed or erased without removing the device from the application board.
- IAP (In-Application programming). In this mode, all sectors except Sector 0 can be
programmed or erased without removing the device from the application board and when the
application is running.
ICT (In-Circuit Testing) for downloading and executing user application test patterns in RAM
Read-out protection against piracy
Register Access Security System (RASS) to prevent accidental programming or erasing.
5.3
Structure
The Flash memory is organized in sectors and can be used for both code and data storage.
Depending on the overall size of the Flash memory in the microcontroller device, three user sectors
are available. Each sector is independently erasable. Thus, having to completely erase the entire
Flash memory is not necessary when only partial erasing is required.
The first two sectors have a fixed size of 4 Kbytes (see Figure 11). They are mapped in the upper
part of the ST7 addressing space. The reset and interrupt vectors are located in Sector 0 (F000h to
FFFFh).
5.4
Program Memory Read-out Protection
The read-out protection is enabled through an option bit.
When this option is selected, the programs and data stored in the program memory (Flash or ROM)
are protected against read-out piracy (including a re-write protection). In Flash devices, when this
protection is removed by reprogramming the Option Byte, the entire program memory is first
automatically erased. Refer to the Section 5.8 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com