Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 29Page - Renesas Technology Corp AT45DB321E Datasheet HTML 30Page - Renesas Technology Corp AT45DB321E Datasheet HTML 31Page - Renesas Technology Corp AT45DB321E Datasheet HTML 32Page - Renesas Technology Corp AT45DB321E Datasheet HTML 33Page - Renesas Technology Corp AT45DB321E Datasheet HTML 34Page - Renesas Technology Corp AT45DB321E Datasheet HTML 35Page - Renesas Technology Corp AT45DB321E Datasheet HTML 36Page - Renesas Technology Corp AT45DB321E Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 33
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
8.
Security Features
8.1
Sector Lockdown
The device incorporates a sector lockdown mechanism that allows each individual sector to be permanently
locked so that it becomes read-only (ROM). This is useful for applications that require the ability to permanently
protect a number of sectors against malicious attempts at altering program code or security information.
Warning: Once a sector is locked down, it can never be erased or programmed, and it can never be unlocked.
To issue the sector lockdown command, a four-byte command sequence of 3Dh, 2Ah, 7Fh, and 30h must be
clocked into the device followed by three address bytes specifying any address within the sector to be locked
down. After the last address bit has been clocked in, the CS pin must be deasserted to initiate the internally self-
timed lockdown sequence. The lockdown sequence takes place in a maximum time of tP. During this time, the
RDY/BUSY bit in the Status Register indicates that the device is busy. If the device is powered-down before the
completion of the lockdown sequence, then the lockdown status of the sector cannot be guaranteed. In this case,
it is recommended that the user read the Sector Lockdown Register to determine the status of the appropriate
sector lockdown bits or bytes and re-issue the Sector Lockdown command if necessary.
Table 14. Sector Lockdown Command
Figure 11. Sector Lockdown
Command
Byte 1
Byte 2
Byte 3
Byte 4
Sector Lockdown
3Dh
2Ah
7Fh
30h
3Dh
2Ah
7Fh
30h
CS
Address
byte
Address
byte
Address
byte
SI
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com